Electronic Components Datasheet Search
  English  ▼

X  

SC28L92 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SC28L92
Description  3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L92 Datasheet(HTML) 4 Page - NXP Semiconductors

  SC28L92 Datasheet HTML 1Page - NXP Semiconductors SC28L92 Datasheet HTML 2Page - NXP Semiconductors SC28L92 Datasheet HTML 3Page - NXP Semiconductors SC28L92 Datasheet HTML 4Page - NXP Semiconductors SC28L92 Datasheet HTML 5Page - NXP Semiconductors SC28L92 Datasheet HTML 6Page - NXP Semiconductors SC28L92 Datasheet HTML 7Page - NXP Semiconductors SC28L92 Datasheet HTML 8Page - NXP Semiconductors SC28L92 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 73 page
background image
SC28L92_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 19 December 2007
4 of 73
NXP Semiconductors
SC28L92
3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter
4.
Block diagram
The data pins TxD and RxD are considered idle at the logic 1 (HIGH) level when inactive, or active when at the logic 0
(LOW) level. Comments about these levels when RS232 is referenced often refer to Mark and Space levels. Mark usually
means inactive and Space means active. The voltage levels represented by the terms Mark and Space are often reversed
from those above: Mark is low voltage, and Space is high voltage.
Fig 1.
Block diagram (80xxx mode)
SC28L92 (80xxx mode)
002aad459
8
BUS BUFFER
CHANNEL B
(AS ABOVE)
D0 to D7
OPERATION
CONTROL
ADDRESS
DECODE
R/W CONTROL
RESET
I/M
open or connect
to VCC for 80xxx
A0 to A3
CEN
WRN
RDN
4
INTERRUPT
CONTROL
IMR
ISR
GP
TIMING
BAUD RATE
GENERATOR
CLOCK
SELECTORS
COUNTER/
TIMER
XTAL
OSCILLATOR
CSRA
CSRB
ACR
CTL
CTU
INTRN
X2
X1/CLK
CHANNEL A
16-BYTE
TRANSMIT FIFO
TRANSMIT
SHIFT REGISTER
16-BYTE
RECEIVE FIFO
WATCHDOG
TIMER
TxDA
RxDA
RxDB
RECEIVE
SHIFT REGISTER
MRA0, 1, 2, 3
CRA
SRA
INPUT PORT
CHANGE-OF-
STATE
DETECTORS (4)
ACR
IPCR
IP0 to IP6
7
TxDB
OUTPUT PORT
FUNCTION
SELECT LOGIC
OPR
OPCR
OP0 to OP7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com