Electronic Components Datasheet Search
  English  ▼

X  

SC28L92 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # SC28L92
Description  3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L92 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button SC28L92 Datasheet HTML 65Page - NXP Semiconductors SC28L92 Datasheet HTML 66Page - NXP Semiconductors SC28L92 Datasheet HTML 67Page - NXP Semiconductors SC28L92 Datasheet HTML 68Page - NXP Semiconductors SC28L92 Datasheet HTML 69Page - NXP Semiconductors SC28L92 Datasheet HTML 70Page - NXP Semiconductors SC28L92 Datasheet HTML 71Page - NXP Semiconductors SC28L92 Datasheet HTML 72Page - NXP Semiconductors SC28L92 Datasheet HTML 73Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 71 / 73 page
background image
SC28L92_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 19 December 2007
71 of 73
NXP Semiconductors
SC28L92
3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter
16. Revision history
Table 72.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
SC28L92_7
20071219
Product data sheet
-
SC28L92_6
Modifications:
• The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• added HVQFN48 package option
• Figure 1 “Block diagram (80xxx mode)” modified:
– reversed position of “control” and “timing” notations
– reversed direction of signals IP0 to IP6
• Figure 2 “Block diagram (68xxx mode)” modified:
– corrected pin name from “RDN” to “R/WN”
– corrected pin name from “WRN” to “IACKN”
– corrected pin name from “RESET” to “RESETN”
– added signal DACKN
– reversed position of “control” and “timing” notations
– reversed direction of signals IP0 to IP5
• Section 6.1.4 “FIFO configuration”:
– 1st paragraph, 4th sentence: changed “MR0[3] bit” to “MR0A[3] bit”
– 1st paragraph, added new 6th sentence
– 2nd paragraph: changed “MR0[3] bit” to “MR0A[3] bit”
• Table 24 “MR0A - Mode Register 0 channel A (address 0x0) bit description”:
– description for bit 3: added “for channel A and channel B”
– description for bits [2:0]: in last line of description, changed “MR2[2:0]” to “MR0[2:0]”
• Table 25:
– added Table note 1
– removed “(default)” (2 places)
• Table 26:
– added Table note 1
– removed “(default)” (2 places)
• Section 7.3.1.4 “Mode Register 0 channel B (MR0B)”, 2nd paragraph re-written.
• Table 64 “Limiting values”: added specifications for HVQFN48 package
SC28L92_6
20060426
Product data sheet
-
SC28L92_5
(9397 750 13125)
SC28L92_5
(9397 750 13125)
20040907
Product specification
-
SC28L92_4
(9397 750 06796)
SC28L92_4
(9397 750 06796)
20000121
Product specification
-
SC28L92_3
(9397 750 05979)
SC28L92_3
(9397 750 05979)
19990507
Product specification
-
SC28L92_2
(9397 750 04465)
SC28L92_2
(9397 750 04465)
19981005
Preliminary specification
-
SC28L92_1
SC28L92_1
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com