Electronic Components Datasheet Search
  English  ▼

X  

LS4000 Datasheet(PDF) 25 Page - Power-One

Part # LS4000
Description  100 Watt AC-DC Converters with PFC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LS4000 Datasheet(HTML) 25 Page - Power-One

Back Button LS4000 Datasheet HTML 19Page - Power-One LS4000 Datasheet HTML 20Page - Power-One LS4000 Datasheet HTML 21Page - Power-One LS4000 Datasheet HTML 22Page - Power-One LS4000 Datasheet HTML 23Page - Power-One LS4000 Datasheet HTML 24Page - Power-One LS4000 Datasheet HTML 25Page - Power-One LS4000 Datasheet HTML 26Page - Power-One LS4000 Datasheet HTML 27Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
Cassette Style
100 Watt AC-DC Converters
S Series PFC
Edition 01/01.2001
25/27
V ACFAIL Signal (VME)
Available for units with
Uo1 = 5.1V
This option defines an undervoltage monitoring circuit for
the input or input and main output voltage equivalent to op-
tion D and generates the ACFAIL signal (V signal) which
conforms to the VME standard.
The low state level of the ACFAIL signal is specified at a
sink current of
IV
≤ 48 mA to U
V
≤ 0.6 V (open-collector out-
put of a NPN transistor). The pull-up resistor feeding the
open-collector output should be placed on the VME back
plane.
After the ACFAIL signal has gone low, the VME standard
requires a hold-up time
th of at least 4 ms before the 5.1 V
output drops to 4.875 V when the output is fully loaded.
This hold-up time
t h is provided by the internal input capaci-
tance. See also fig.:
Hold-up Time versus Output Power.
Table 20: Undervoltage monitor functions
V output
Monitoring
Minimum adjustment
(VME compatible)
Ui
Uo1
range of threshold level
Uti
Uto
V2
yes
no
355V DC 1
–
V3
yes
yes
355V DC 1 0.95...0.985
Uo1 2
1 Option D monitors the boost regulator output voltage. The trig-
ger level is adjusted in the factory to 355 V DC.
2 Fixed value between 95% and 98.5% of Uo1.
Vo1+
Vo1–
V
UV
IV
Rp
11009
V output (V2, V3):
Connector pin V is internally connected to the open collec-
tor of a NPN transistor. The emitter is connected to the
negative potential of output 1.
UV
≤ 0.6 V (logic low) corre-
sponds to a monitored voltage level (
Ui and/or Uo1)
<U
t.
The current
IV through the open collector should not ex-
ceed 50 mA. The NPN output is not protected against ex-
ternal overvoltages.
UV should not exceed 60 V.
Ui, Uo1 status
V output,
UV
Ui or Uo1 < Ut
low, L,
UV ≤ 0.6 V at IV = 50 mA
Ui and Uo1 > Ut + Uh
high, H,
IV ≤ 25 µA at UV = 5.1 V
Fig. 39
Output configuration of options V2 and V3
Option V operates independently of the built-in input under-
voltage lock-out circuit. A logic "low" signal is generated at
pin 20 as soon as one of the monitored voltages drops be-
low the preselected threshold level
Ut. The return for this
signal is Vo1–. The V output recovers when the monitored
voltage(s) exceed(s)
Ut + Uh. The threshold level Uti is ad-
justed in the factory to 355 V DC. The threshold level
Uto
either is adjusted during manufacture to a determined cus-
tomer specified value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com