Electronic Components Datasheet Search
  English  ▼

X  

LS4000 Datasheet(PDF) 20 Page - Power-One

Part # LS4000
Description  100 Watt AC-DC Converters with PFC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LS4000 Datasheet(HTML) 20 Page - Power-One

Back Button LS4000 Datasheet HTML 16Page - Power-One LS4000 Datasheet HTML 17Page - Power-One LS4000 Datasheet HTML 18Page - Power-One LS4000 Datasheet HTML 19Page - Power-One LS4000 Datasheet HTML 20Page - Power-One LS4000 Datasheet HTML 21Page - Power-One LS4000 Datasheet HTML 22Page - Power-One LS4000 Datasheet HTML 23Page - Power-One LS4000 Datasheet HTML 24Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Cassette Style
100 Watt AC-DC Converters
S Series PFC
Edition 01/01.2001
20/27
Table 13: Isolation
Characteristic
Input to
Input to
Output to Output to
Unit
case
output
case
output
Electric
Required according to
1.5
3.0 1
––
kVrms
strength
IEC/EN 60950
2.1
4.2 1
––
kV DC
test voltage
Actual factory test 1 s
2.8
5.6 1
1.4
0.14
AC test voltage equivalent
2.0
4.0 1
1.0
0.1
kVrms
to actual factory test
Insulation resistance at 500 V DC
>300
>300
>300
>100 2
M
Ω
1 In accordance with IEC/EN 60950 only subassemblies are tested in factory with this voltage.
2 Tested at 100 V DC.
For creepage distances and clearances refer to:
Technical Information: Safety.
Leakage Currents in AC-DC operation
Leakage currents flow due to internal leakage capacitance
and RFI suppression Y-capacitors. The current values are
proportional to the mains voltage and nearly proportional to
the mains frequency and are specified at an input voltage of
254 V (50 Hz) where phase, neutral and protective earth
are correctly connected as required for class I equipment.
V
MI
500
Ω
1500
Ω
10 k
Ω 220 nF
22 nF
Under test conditions the leakage current flows through a
measuring instrument (MI) as described in fig.:
Measuring
instrument for earth leakage current tests, which takes into
account impedance and sensitivity of a person touching
unearthed accessible parts. The current value is calculated
by dividing the measured voltage by 500
Ω. If inputs of S-
units are connected in parallel, their individual leakage cur-
rents are added.
Fig. 28
Measuring instrument (MI) for earth leaking current tests
according to IEC/EN 60950.
Vo+
Vo–
N
P
10062
N
P
MI for
earth
leakage
current
Fig. 29
Test set-up
Standards and Approvals
All AC-DC converters correspond to class I equipment.
They are UL recognized according to UL 1950, UL recog-
nized for Canada to CAN/CSA C22.2 No. 950-95 and LGA
approved to IEC/EN 60950 standards.
The units have been evaluated for:
• Building in
• Basic insulation between input and case, based on 250 V
AC and 400 V DC
• Double or reinforced insulation between input and output,
based on 250 V AC and 400 V DC
• Basic insulation between output and case based on
200 V AC and DC
• Operational insulation between output and output
• Connecting the input to a primary or secondary circuit
which is subject to a maximum transient rating of 2500 V
(overvoltage category III based on a 110 V primary cir-
cuit, overvoltage category II based on a 230 V primary
circuit).
• The use in a pollution degree 2 environment
• The UL 1950 recognition limits the minimum input voltage
to
Ui = Ui min + 5 V AC = 90 V AC if the case temperature
exceeds 90
°C.
The AC-DC converters are subject to manufacturing sur-
veillance in accordance with the above mentioned UL,
CSA, EN and with ISO 9001 standards.
Isolation
The electric strength test is performed as factory test in ac-
cordance with IEC/EN 60950 and UL 1950 and should not
be repeated in the field. Power-One will not honour any
guarantee claims resulting from electric strength field tests.
Important: Testing by applying AC voltages will result in
high and dangerous leakage currents flowing through
the Y-capacitors (see fig.:
Block diagram).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com