Electronic Components Datasheet Search
  English  ▼

X  

LS4000 Datasheet(PDF) 9 Page - Power-One

Part # LS4000
Description  100 Watt AC-DC Converters with PFC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LS4000 Datasheet(HTML) 9 Page - Power-One

Back Button LS4000 Datasheet HTML 5Page - Power-One LS4000 Datasheet HTML 6Page - Power-One LS4000 Datasheet HTML 7Page - Power-One LS4000 Datasheet HTML 8Page - Power-One LS4000 Datasheet HTML 9Page - Power-One LS4000 Datasheet HTML 10Page - Power-One LS4000 Datasheet HTML 11Page - Power-One LS4000 Datasheet HTML 12Page - Power-One LS4000 Datasheet HTML 13Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Cassette Style
100 Watt AC-DC Converters
S Series PFC
Edition 01/01.2001
9/27
Output Voltage Regulation of Double Output Modules
Output 1 is under normal conditions regulated to
Uo1 nom,
independent of the output currents.
Uo2 is dependent upon the load distribution. If both outputs
are loaded with more than 10% of
Io nom, the deviation of
Uo2 remains within
±5% of the value of U
o1. The following 3
figures show the regulation with varying load distribution. If
Io1 = Io2 or the two outputs are connected in series, the de-
viation of
Uo2 remains within
±1% of the value of U
o1 pro-
vided that a total load of more than 10% of
Io nom is applied.
Two outputs of a single S 5000 module connected in paral-
lel will behave like the output of a S 4000 module; the paral-
leled output is fully regulated. No precautions are neces-
sary in using the R-input and the test sockets.
Uo
Uo nom
0.98
0.5
0
0.5
1.0
Io1
IoL
Io
Io nom
05001
Fig. 9
Uo1 vs. Io1 (typ.) of single output units
Thermal Considerations
If a converter is located in free, quasi-stationary air (con-
vection cooling) at the indicated maximum ambient tem-
perature
TA max (see table: Temperature specifications) and
is operated at its nominal input voltage and output power,
the temperature measured at the
Measuring point of case
temperature TC (see: Mechanical Data) will approach the
indicated value
TC max after the warm-up phase. However,
the relationship between
TA and TC depends heavily on the
conditions of operation and integration into a system. The
thermal conditions are influenced by input voltage, output
current, airflow and temperature of surrounding compo-
nents and surfaces.
TA max is therefore, contrary to TC max,
an indicative value only.
Caution: The installer must ensure that under all operat-
ing conditions
TC remains within the limits stated in the
table:
Temperature specifications.
Notes: Sufficient forced cooling or an additional heat sink
allows
TA to be higher than 71
°C (e.g. 85°C) if T
C max is not
exceeded.
For -7 or -9 units at an ambient temperature
TA of 85
°C with
only convection cooling, the maximum permissible current
for each output is approx. 40% of its nominal value as per
figure.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
50
60
70
80
90
100
Io/Io nom
TA [°C]
0.9
1.0
Forced cooling
TA min
TC max
Convection cooling
Fig. 8
Output current derating versus temperature for -7 and -9
units.
Thermal Protection
A temperature sensor generates an internal inhibit signal
which disables the outputs if the case temperature exceeds
TC max. The outputs are automatically re-enabled if the tem-
perature drops below this limit.
It is recommended that continuous operation under simul-
taneous extreme worst case conditions of the following
three parameters be avoided: Minimum input voltage,
maximum output power and maximum temperature.
Output Protection
Each output is protected against overvoltage which could
occur due to a failure of the control circuit by means of a
voltage suppressor diode which, under worst case condi-
tions, may become a short circuit. The suppressor diodes
are not designed to withstand externally applied over-
voltages. Overload at any of the two outputs will cause a
shut-down of both outputs. A red LED indicates the over-
load condition.
Parallel or Series Connection of Units
Single or double output units with equal nominal output volt-
age can be connected in parallel without any precautions
using option T.
With option T (current sharing), all units share the current
approximately equally.
Single output units and/or main and second outputs of dou-
ble output units can be connected in series with any other
(similar) output.
Note:
– Parallel connection of double output units should always
include both, main and second output to maintain good
regulation of both outputs.
– Not more than 5 units should be connected in parallel.
– Series connection of second outputs without involving
their main outputs should be avoided as regulation may
be poor.
– The maximum output current is limited by the output with
the lowest current limitation if several outputs are con-
nected in series.
Output Voltage Regulation of Single or Double Output
Modules with Outputs 1 and 2 Connected in Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com