Electronic Components Datasheet Search
  English  ▼

X  

LS4000 Datasheet(PDF) 14 Page - Power-One

Part # LS4000
Description  100 Watt AC-DC Converters with PFC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LS4000 Datasheet(HTML) 14 Page - Power-One

Back Button LS4000 Datasheet HTML 10Page - Power-One LS4000 Datasheet HTML 11Page - Power-One LS4000 Datasheet HTML 12Page - Power-One LS4000 Datasheet HTML 13Page - Power-One LS4000 Datasheet HTML 14Page - Power-One LS4000 Datasheet HTML 15Page - Power-One LS4000 Datasheet HTML 16Page - Power-One LS4000 Datasheet HTML 17Page - Power-One LS4000 Datasheet HTML 18Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Cassette Style
100 Watt AC-DC Converters
S Series PFC
Edition 01/01.2001
14/27
Display Status of LEDs
Uo1 > 0.95...0.98Uo1 adj
Ui max Ui ov
Ui min
Ui uv
Ui
Ui abs
OK
i
Uo1 > 0.95...0.98Uo1 adj
Io nom
IoL
Io
OK
Io L
Uo1 < 0.95...0.98Uo1 adj
TC
i
TC max
TPTC threshold
Ui inh
i
+50 V
+0.8 V
+2.4 V
-50 V
Uinh threshold
Io L
LED off
LED on
LED Status undefined
06002
Fig. 22
LEDs "OK", "i" and "Io L"status versus input voltage
Conditions: Io £ Io nom, TC £ TC max, Uinh £ 0.8 V
Ui uv = undervoltage lock-out, Ui ov = overvoltage lock-out
LEDs "OK" and "Io L"status versus output current
Conditions: Ui min...Ui max, TC £ TC max, Uinh £ 0.8 V
LED "i"versus case temperature
Conditions: Ui min...Ui max, Io £ Io nom, Uinh £ 0.8 V
LED "i"versus Uinh
Conditions: Ui min...Ui max, Io £ Io nom, TC £ TC max
Test Sockets (Main output only )
Test sockets for measuring the output voltage
Uo1 are lo-
cated at the front of the module. The positive test socket is
protected by a series resistor (see:
Functional Description,
block diagrams). The voltage measured at the test sockets
is approximately 30 mV lower than the value measured at
the output terminals.
In case of double output units externally connected in se-
ries for
Uo = 24 V, 30 V or 48 V the monitored output volt-
age is 12 V, 15 V or 24 V respectively.
Battery Charging/Temperature Sensor
The LS are intended for lead acid battery charger applica-
tions. For an optimum battery charging and life expectancy
of the battery an external temperature sensor may be con-
nected to the R-input. The sensor is mounted as close as
possible to the battery pole and adjusts the output voltage
of the LS unit according to the temperature of the battery
(which is related to the load of the battery and the ambient
temperature).
Depending on the cell voltage and the temperature coeffi-
cient of the battery, different sensor types are available.
For more information please ask Power-One.
Fig. 17
Dependance of output voltage vs. temperature for defined
temperature coefficient.
2.10
2.15
2.20
2.25
2.30
2.35
2.40
Cell voltage [V]
0
5
10
15
20
25
30
35
40
45
50
[
°C]
06123
Uo max
Uz = 2.27 V, –3.5 mV/K
Uz = 2.23 V, –3.5 mV/K
Uo nom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com