Electronic Components Datasheet Search
  English  ▼

X  

LS4000 Datasheet(PDF) 17 Page - Power-One

Part # LS4000
Description  100 Watt AC-DC Converters with PFC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LS4000 Datasheet(HTML) 17 Page - Power-One

Back Button LS4000 Datasheet HTML 13Page - Power-One LS4000 Datasheet HTML 14Page - Power-One LS4000 Datasheet HTML 15Page - Power-One LS4000 Datasheet HTML 16Page - Power-One LS4000 Datasheet HTML 17Page - Power-One LS4000 Datasheet HTML 18Page - Power-One LS4000 Datasheet HTML 19Page - Power-One LS4000 Datasheet HTML 20Page - Power-One LS4000 Datasheet HTML 21Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Cassette Style
100 Watt AC-DC Converters
S Series PFC
Edition 01/01.2001
17/27
Table 11: MTBF
Values at Specified
Type
Ground Benign
Ground Fixed
Ground Mobile
Unit
Case Temperature
40
°C40°C70°C50°C
MTBF 1
LS 4000/5000
514'000
88'000
38'000
35'000
h
1 Calcualted in accordance with MIL-HDBK217F.
Table 10: Temperature specifications, values given are for an air pressure of 800...1200 hPa (800...1200 mbar)
Temperature
Standard -7
Option -9
Characteristics
Conditions
min
max
min
max
Unit
TA
Ambient temperature
U i min...U i max
–25
71
–40
71
°C
TC
Case temperature
I o = 0...I o nom
–25
95
–40
95
TS
Storage temperature
Not operational
–40
100
–55
100
Immunity to Environmental Conditions
Table 9: Environment specifications
Test method
Standard
Test conditions
Status
Ca
Damp heat
IEC/DIN IEC 60068-2-3
Temperature:
40 ±2
°C
Unit not
steady state
MIL-STD-810D section 507.2
Relative humidity:
93 +2/-3 %
operating
Duration:
56 days
Ea
Shock
IEC/EN/DIN EN 60068-2-27
Acceleration amplitude:
100 gn = 981 m/s2
Unit
(half-sinusoidal)
MIL-STD-810D section 516.3
Bump duration:
6 ms
operating
Number of bumps:
18 (3 each direction)
Eb
Bump
IEC/EN/DIN EN 60068-2-29
Acceleration amplitude:
40 gn = 392 m/s2
Unit
(half-sinusoidal)
MIL-STD-810D section 516.3
Bump duration:
6 ms
operating
Number of bumps:
6000 (1000 each direction)
Fc
Vibration
IEC/EN/DIN EN 60068-2-6
Acceleration amplitude:
0.35 mm (10...60 Hz)
Unit
(sinusoidal)
5 gn = 49 m/s2 (60...2000 Hz)
operating
Frequency (1 Oct/min):
10...2000 Hz
Test duration:
7.5 h (2.5 h each axis)
Fn
Vibration
IEC 60068-2-64
Acceleration spectral density: 0.05 gn2/Hz
Unit
broad band
DIN 40046 part 23
Frequency band:
5...500 Hz
operating
random
MIL-STD-810D section 514.3
Acceleration magnitude:
4.97 gn rms
(digital dontrol)
Test duration:
3 h (1 h each axis)
Kb
Salt mist, cyclic
IEC/EN/DIN IEC 60068-2-52
Concentration:
5% (30
°C)
Unit not
(sodium chloride
Duration:
2 h per cycle
operating
NaCl solution)
Storage:
40
°C, 93% rel. humidity
Storage duration:
22 h per cycle
Number of cycles:
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com