Electronic Components Datasheet Search
  English  ▼

X  

LS4000 Datasheet(PDF) 15 Page - Power-One

Part # LS4000
Description  100 Watt AC-DC Converters with PFC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LS4000 Datasheet(HTML) 15 Page - Power-One

Back Button LS4000 Datasheet HTML 11Page - Power-One LS4000 Datasheet HTML 12Page - Power-One LS4000 Datasheet HTML 13Page - Power-One LS4000 Datasheet HTML 14Page - Power-One LS4000 Datasheet HTML 15Page - Power-One LS4000 Datasheet HTML 16Page - Power-One LS4000 Datasheet HTML 17Page - Power-One LS4000 Datasheet HTML 18Page - Power-One LS4000 Datasheet HTML 19Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Cassette Style
100 Watt AC-DC Converters
S Series PFC
Edition 01/01.2001
15/27
Electromagnetic Compatibility (EMC)
A metal oxide VDR together with an input fuse and an input
filter form an effective protection against high input tran-
sient voltages which typically occur in most installations.
The S series has been successfully tested to the following
specifications:
Electromagnetic Immunity
Table 8: Immunity type tests
Phenomenon
Standard 1
Level
Coupling
Value
Waveform
Source
Test
In
Per-
mode 2
applied
imped.
procedure
oper. form. 3
Voltage surge
IEC 60571-1
i/c, +i/–i
800 Vp
100
µs
100
Ω
1 pos. and 1 neg.
yes
4
1500 Vp
50
µs
voltage surge per
3000 Vp
5
µs
coupling mode
4000 Vp
1
µs
7000 Vp
100 ns
Supply related
RIA 12
B
+i/–i1.5
• U
batt
1 s
0.2
Ω
1 positive
yes
4
surge
surge
Direct transient
C
+i/c, –i/c
960 Vp
10/100
µs5 Ω
5 pos. and 5 neg.
yes
4
D
1800 Vp
5/50
µs
impulses
E
3600 Vp
0.5/5
µs
100
Ω
F
4800 Vp
0.1/1
µs
G
8400 Vp
0.05/0.1
µs
Indirect coupled
H
–o/c, +o/c
1800 Vp
5/50
µs
transient
J
3600 Vp
0.5/5
µs
K
4800 Vp
0.1/1
µs
L
8400 Vp
0.05/0.1
µs
Electrostatic
IEC/EN
4
contact discharge
8000 Vp
1/50 ns
330
Ω
10 positive and
yes
A
discharge
61000-4-2
air discharge
15000 Vp
10 negative
(to case)
discharges
Electromagnetic
IEC/EN
3
antenna
10 V/m
AM 80%
n.a.
80…1000 MHz
yes
A
field
61000-4-3
1 kHz
Electromagnetic
ENV 50204
50% duty cycle,
900
±5 MHz
yes
A
field,
200 Hz repetition
pulse modulated
frequency
Electrical fast
IEC/EN
4
capacitive, o/c
2000 Vp
bursts of 5/50 ns
50
Ω
1 min positive
yes
A
transient/burst
61000-4-4
i/c, +i/–i
4000 Vp
2.5/5 kHz over
1 min negative
A
direct
15 ms; burst
transients per
period: 300 ms
coupling mode
Surge
IEC/EN
3
i/c
2000 Vp
1.2/50
µs
12
Ω
5 pos. and 5 neg.
yes
A
61000-4-5
4+i/–i2
Ω
surges per
i/c, +i/–i
2500 Vp
10/700
µs
40
Ω
Conducted
IEC/EN
3
i, o, signal wires
10 Vrms
AM 80%
150
Ω
0.15...80 MHz
yes
A
disturbances
61000-4-6
(140 dB
µV)
1 kHz
1 Related and previous standards are referenced in: Technical Information: Standards.
2 i = input, o = output, c = case.
3 A = Normal operation, no deviation from specifications, B = Normal operation, temporary deviation from specs possible.
4 Test in progress, please consult factory.
Note: Previous standards are referenced in:
Technical In-
formation: Standards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com