Electronic Components Datasheet Search
  English  ▼

X  

LS4000 Datasheet(PDF) 24 Page - Power-One

Part # LS4000
Description  100 Watt AC-DC Converters with PFC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LS4000 Datasheet(HTML) 24 Page - Power-One

Back Button LS4000 Datasheet HTML 19Page - Power-One LS4000 Datasheet HTML 20Page - Power-One LS4000 Datasheet HTML 21Page - Power-One LS4000 Datasheet HTML 22Page - Power-One LS4000 Datasheet HTML 23Page - Power-One LS4000 Datasheet HTML 24Page - Power-One LS4000 Datasheet HTML 25Page - Power-One LS4000 Datasheet HTML 26Page - Power-One LS4000 Datasheet HTML 27Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Cassette Style
100 Watt AC-DC Converters
S Series PFC
Edition 01/01.2001
24/27
0
1
0.95
0
U
ci [V DC]
0
t
t
t
t
low min
4
t
low min
4
t
high min
t
h
1
358
355
Input voltage failure
Switch-on cycle
Input voltage sag
Switch-on cycle and subsequent
input voltage failure
U
D high
U
D low
U
D
0
JFET
NPN
t
U
o1
U
o1 nom
U
D high
U
D low
U
D
t
low min
4
t
h
1
0
0
U
D high
U
D low
U
D
0
JFET
NPN
U
o1
U
D high
U
D low
U
D
t
low min
4
U
to
Output voltage failure
0
I
D high
I
D low
I
D
t
0
I
D high
I
D low
I
D
t
t
t
t
2
33
33
U
o1 nom
U
to +Uho
Input voltage monitoring
Output voltage monitoring
11044
1 Hold-up time see section Electrical Input Data.
2 With output voltage monitoring, hold-up time th = 0.
3 The signal will remain high if the D output is connected to
an external source.
4 tlow min = 100...170 ms, typically 130 ms.
Fig. 38
Relationship between Uci, Uo1, UD, Uo1/Uo nom versus time
D-signal with respect to input and output voltage versus time:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com