Electronic Components Datasheet Search
  English  ▼

X  

LS4000 Datasheet(PDF) 12 Page - Power-One

Part # LS4000
Description  100 Watt AC-DC Converters with PFC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LS4000 Datasheet(HTML) 12 Page - Power-One

Back Button LS4000 Datasheet HTML 8Page - Power-One LS4000 Datasheet HTML 9Page - Power-One LS4000 Datasheet HTML 10Page - Power-One LS4000 Datasheet HTML 11Page - Power-One LS4000 Datasheet HTML 12Page - Power-One LS4000 Datasheet HTML 13Page - Power-One LS4000 Datasheet HTML 14Page - Power-One LS4000 Datasheet HTML 15Page - Power-One LS4000 Datasheet HTML 16Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Cassette Style
100 Watt AC-DC Converters
S Series PFC
Edition 01/01.2001
12/27
R
Vo1+
Vo1–
S–
Uext
N
P
Module
Module
Rext
R'ext
14
16
16
14
+
S+
Vo1+
Vo1–
S–
N
P
R
12
06003
Programmable Output Voltage (R-Function)
As a standard feature, the modules offer an adjustable out-
put voltage, identified by letter R in the type designation.
The control input R (pin 16) accepts either a control voltage
Uext or a resistor Rext to adjust the desired output voltage.
When not connected, the control input automatically sets
the output voltage to
Uo nom.
a) Adjustment by means of an external control voltage
Uext
between pin 16 (R) and pin 14:
The control voltage range is 0...2.75 V DC and allows an
output voltage adjustment in the range of approximately
0...110%
Uo nom.
Uo
Uext = –––––– • 2.5 V (approximate formula)
Uo nom
b) Adjustment by means of an external resistor:
Depending upon the value of the required output voltage
the resistor shall be connected
either: Between pin 16 and pin 14 (
Uo < Uo nom) to
achieve an output voltage adjustment range of approxi-
mately 0...100%
Uo nom
or: Between pin 16 and pin 12 (
Uo
> U
o nom) to achieve
an output voltage adjustment range of approximately
100...110%
Uo nom.
Warning:
–
Uext shall never exceed 2.75 V DC.
– The value of
R'ext shall never be less than the lowest
value as indicated in table
R'ext (for U0
>U
0 nom) to avoid
damage to the unit!
Remarks:
– The R-Function excludes option P (output voltage ad-
justment by potentiometer).
– If the output voltages are increased above
Uo nom via R-
input control, option P setting, remote sensing or option
T, the output current(s) should be reduced accordingly so
that
Po nom is not exceeded.
– The R-input (as well as option P) is related to the main
output.
– With double output units the second output follows the
value of the controlled main output. Resistor values as
indicated for the single output units should be used.
– For correct output voltage adjustment of double output
units the external wiring of the outputs should be accord-
ing to fig.:
R-Function for different output configuration
depending upon the desired output configuration.
– In case of parallel connection the output voltages should
be individually set within a tolerance of 1...2%.
Fig. 20
Output voltage control for single output units LS 4000 by
means of the R input
Table 7a: Rext for Uo < Uo nom; approximative values (Ui nom, Io nom, series E 96 resistors); R'ext = ∞
Uo nom = 5.1 V
Uo nom = 12 V
Uo nom = 15 V
Uo nom = 24 V
Uo (V)
Rext [kΩ]
Uo [V] 1
Rext [kΩ]
Uo [V] 1
Rext [kΩ]
Uo [V] 1
Rext [kΩ]
0.5
0.432
2
4
0.806
2
4
0.619
4
8
0.806
1.0
0.976
3
6
1.33
4
8
1.47
6
12
1.33
1.5
1.65
4
8
2
6
12
2.67
8
16
2
2.0
2.61
5
10
2.87
8
16
4.53
10
20
2.87
2.5
3.83
6
12
4.02
9
18
6.04
12
24
4.02
3.0
5.76
7
14
5.62
10
20
8.06
14
28
5.62
3.5
8.66
8
16
8.06
11
22
11
16
32
8.06
4.0
14.7
9
18
12.1
12
24
16.2
18
36
12.1
4.5
30.1
10
20
20
13
26
26.1
20
40
20
5.0
200
11
22
42.2
14
28
56.2
22
44
44.2
Table 7b: R’ext for Uo > Uo nom; approximative values (Ui nom, Io nom, series E 96 resistors); Rext =
∞
Uo nom = 5.1 V
Uo nom = 12 V
Uo nom = 15 V
Uo nom = 24 V
Uo [V]
R'ext [kΩ]
Uo [V] 1
R'ext [kΩ]
Uo [V] 1
R'ext [kΩ]
Uo [V] 1
R'ext [kΩ]
5.15
432
12.1
24.2
1820
15.2
30.4
1500
24.25
48.5
3320
5.2
215
12.2
24.4
931
15.4
30.8
768
24.5
49.0
1690
5.25
147
12.3
24.6
619
15.6
31.2
523
24.75
49.5
1130
5.3
110
12.4
24.8
475
15.8
31.6
392
25.0
50.0
845
5.35
88.7
12.5
25.0
383
16.0
32.0
316
25.25
50.5
698
5.4
75
12.6
25.2
316
16.2
32.4
267
25.5
51.0
590
5.45
64.9
12.7
25.4
274
16.4
32.8
232
25.75
51.5
511
5.5
57.6
12.8
25.6
243
16.5
33.0
221
26.0
52.0
442
13.0
26.0
196
26.25
52.5
402
13.2
26.4
169
26.4
52.8
383
1 First column: single output units or double output units with separated outputs, second column: outputs in series connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com