Electronic Components Datasheet Search
  English  ▼

X  

LS4000 Datasheet(PDF) 16 Page - Power-One

Part # LS4000
Description  100 Watt AC-DC Converters with PFC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LS4000 Datasheet(HTML) 16 Page - Power-One

Back Button LS4000 Datasheet HTML 12Page - Power-One LS4000 Datasheet HTML 13Page - Power-One LS4000 Datasheet HTML 14Page - Power-One LS4000 Datasheet HTML 15Page - Power-One LS4000 Datasheet HTML 16Page - Power-One LS4000 Datasheet HTML 17Page - Power-One LS4000 Datasheet HTML 18Page - Power-One LS4000 Datasheet HTML 19Page - Power-One LS4000 Datasheet HTML 20Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Cassette Style
100 Watt AC-DC Converters
S Series PFC
Edition 01/01.2001
16/27
90
80
70
60
50
40
30
20
10
0
[dB
µV]
MHz
07063
A
B
Electromagnetic Emission
Fig. 23
Typical disturbance voltage (quasi-peak) at the input accord-
ing to CISPR 11/22 and EN 55011/22, measured at
Ui nom and Io nom.
50
40
30
20
10
0
[dB
µV/m]
[MHz]
A
B
07038
Fig. 24
Typical radiated electromagnetic field strength (quasi-
peak) according to CISPR 11/22 and EN 55011/22, nor-
malized to a distance of 10 m, measured at Ui nom and
Io nom.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com