Electronic Components Datasheet Search
  English  ▼

X  

LS4000 Datasheet(PDF) 5 Page - Power-One

Part # LS4000
Description  100 Watt AC-DC Converters with PFC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LS4000 Datasheet(HTML) 5 Page - Power-One

  LS4000 Datasheet HTML 1Page - Power-One LS4000 Datasheet HTML 2Page - Power-One LS4000 Datasheet HTML 3Page - Power-One LS4000 Datasheet HTML 4Page - Power-One LS4000 Datasheet HTML 5Page - Power-One LS4000 Datasheet HTML 6Page - Power-One LS4000 Datasheet HTML 7Page - Power-One LS4000 Datasheet HTML 8Page - Power-One LS4000 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Cassette Style
100 Watt AC-DC Converters
S Series PFC
Edition 01/01.2001
5/27
100
150
200
250
300
50
1
3
0.5
1.5
2
2.5
li [Arms]
Ui [V AC]
04005
0.2
0.4
0.6
0.8
1
0
1
0.7
0.75
0.8
0.85
0.9
0.95
Power Factor
Io/Io nom
Ui = 230 V AC
Ui = 85 V AC
04004
3
5
7
9
11
13
17
19
15
Harm.
3.0
2.5
2.0
1.5
1.0
0.5
0
I i [mA/W]
3.5
04042
Limit class D according
to IEC/EN 61000-3-2
Fig. 6
Input current versus input voltage at Io nom
Fig. 5
Harmonic currents at the input, IEC/EN 61000-3-2,
class D. Ui = Ui nom, Io = Io nom.
Fig. 7
Power factor versus output current at Ui 230 V AC and
85 V AC.
Static Input current Characteristic
Harmonic Currents
The harmonic distortion is well below the limits specified in
IEC/EN 61000-3-2, class D.
1
23 t [ms]
1
50
100
Iinr [A]
130
0
Ui = 255 Vrms
Ui = 115 Vrms
04006
Input Inrush Current Characteristic
Fig. 4
Theoretical input inrush current versus time at Ui 255 Vrms
and 115 Vrms, Rext = 0.
Power Factor, Harmonics
Power factor correction is achieved by controlling the input
current waveform synchronously with the input voltage
waveform. The power factor control is active under all oper-
ating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com