Electronic Components Datasheet Search
  English  ▼

X  

LS4000 Datasheet(PDF) 3 Page - Power-One

Part # LS4000
Description  100 Watt AC-DC Converters with PFC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LS4000 Datasheet(HTML) 3 Page - Power-One

  LS4000 Datasheet HTML 1Page - Power-One LS4000 Datasheet HTML 2Page - Power-One LS4000 Datasheet HTML 3Page - Power-One LS4000 Datasheet HTML 4Page - Power-One LS4000 Datasheet HTML 5Page - Power-One LS4000 Datasheet HTML 6Page - Power-One LS4000 Datasheet HTML 7Page - Power-One LS4000 Datasheet HTML 8Page - Power-One LS4000 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Cassette Style
100 Watt AC-DC Converters
S Series PFC
Edition 01/01.2001
3/27
Functional Description
The input voltage is fed via an input fuse, an input filter, a
rectifier and an inrush current limiter to a single transistor
boost converter. This converter provides a sinusoidal input
current (IEC/EN 61000-3-2, class D equipment) and sour-
ces a capacitor with a voltage of 360-370 V DC. This ca-
pacitor sources a single transistor forward converter.
Each output is powered by a separate secondary winding
of the main transformer. The resultant voltages are rectified
and their ripples smoothed by a power choke and an output
filter. The control logic senses the main output voltage
Uo1
and generates, with respect to the maximum admissible
output currents, the control signal for the primary switching
transistor.
The second output of double output units is controlled by
the main output, but has independent current limiting. If the
main output is driven into current limitation, the second out-
put voltage will fall as well and vice versa.
P
2
Y
16
18
20
22
12
4
6
8
10
14
Y
1
28
30
32
24
3
–
+
Y
Y
+
Ci
4
03001
R
i
D/V
T
S+
Vo+
Vo–
S–
26
N
∼
P~
Fig. 1
Block diagram of single output converters LS 4000
1
P
2
16
18
20
22
12
14
4
6
8
10
26
28
30
32
24
3
–
+
Y
Y
Y
Y
Y
Y
+
Ci
4
03002
N~
P~
R
i
D
T
Vo1+
Vo1–
Vo2+
Vo2–
Fig. 2
Block diagram of symmetrical double output converters LS 5000
1 Transient suppressor (VDR)
2 Inrush current limiter (NTC or Opt. E), -9 versions exclude the NTC
3 Input fuse
4 Hold-up capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com