Electronic Components Datasheet Search
  English  ▼

X  

LS4000 Datasheet(PDF) 27 Page - Power-One

Part # LS4000
Description  100 Watt AC-DC Converters with PFC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LS4000 Datasheet(HTML) 27 Page - Power-One

Back Button LS4000 Datasheet HTML 19Page - Power-One LS4000 Datasheet HTML 20Page - Power-One LS4000 Datasheet HTML 21Page - Power-One LS4000 Datasheet HTML 22Page - Power-One LS4000 Datasheet HTML 23Page - Power-One LS4000 Datasheet HTML 24Page - Power-One LS4000 Datasheet HTML 25Page - Power-One LS4000 Datasheet HTML 26Page - Power-One LS4000 Datasheet HTML 27Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
Cassette Style
100 Watt AC-DC Converters
S Series PFC
Edition 01/01.2001
27/27
Accessories
A variety of electrical and mechanical accessories are
available including:
– Front panels for 19" rack mounting, Schroff and Intermas
systems.
– Mating H15 connectors with screw, solder, fast-on or
press-fit terminals.
– Connector retention facilities.
– Code key system for connector coding.
– Chassis mounting plates for mounting the 19" cassette to
a chassis/wall where only frontal access is given.
– Universal mounting bracket for DIN-rail or chassis moun-
ting.
For more detailed information please refer to:
Accessory
Products.
Front panels
H15 female connector,
Code key system
Mounting plate,
Connector retention clips
Universal mounting bracket for DIN-rail mounting.
Chassis mounting bracket S
B1 Cooling Plate (see:
Mechanical Data)
Where a cooling surface is available, we recommend the
use of a cooling plate (option B1) instead of the standard
heatsink. The mounting system should ensure sufficient
cooling capacity to guarantee that the maximum case tem-
perature
TC max is not exceeded. The cooling capacity is cal-
culated by:
(100% –
h
)
PLoss = –––––––––– (Uo • Io)
h
Efficiency
η see: Type survey.
Elongated case for 220 mm rack depth: Option B2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com