Electronic Components Datasheet Search
  English  ▼

X  

LS4000 Datasheet(PDF) 19 Page - Power-One

Part # LS4000
Description  100 Watt AC-DC Converters with PFC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LS4000 Datasheet(HTML) 19 Page - Power-One

Back Button LS4000 Datasheet HTML 15Page - Power-One LS4000 Datasheet HTML 16Page - Power-One LS4000 Datasheet HTML 17Page - Power-One LS4000 Datasheet HTML 18Page - Power-One LS4000 Datasheet HTML 19Page - Power-One LS4000 Datasheet HTML 20Page - Power-One LS4000 Datasheet HTML 21Page - Power-One LS4000 Datasheet HTML 22Page - Power-One LS4000 Datasheet HTML 23Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Cassette Style
100 Watt AC-DC Converters
S Series PFC
Edition 01/01.2001
19/27
Safety and Installation Instructions
Connector Pin Allocation
The connector pin allocation table defines the electrical
potentials and the physical pin positions on the H15 con-
nector. Pin no. 24, the protective earth pin present on all LS
AC-DC converters is leading, ensuring that it makes con-
tact with the female connector first.
4
32
Type H15
10002
Table 12: H15 Connector pin allocation
Pin
Connector type H 15
No.
LS 4000
LS 5000
4
Vo1+
Output 1
Vo2+
Output 2
6
Vo1+
Vo2+
8Vo1–
Output 1
Vo2–
Output 2
10
Vo1–
Vo2–
12
S+
Sense
Vo1+
Output 1
14
S–
Sense
Vo1–
Output 1
16
R 1
Control of
U o1
R 1
Control of
U o1
18
i
Inhibit
i
Inhibit
20
D
Save data
D
Save data
V 3
ACFAIL
22
T
Current sharing
T
Current sharing
24 2
Protective earth
Protective earth
26
N
∼
Neutral
N
∼
Neutral
28
N
∼
N
∼
30
P
∼
Phase
P
∼
Phase
32
P
∼
P
∼
1 Feature R excludes option P and vice versa
2 Leading pin (pregrounding)
3 Option D excludes option V and vice versa
Installation Instructions
The S series AC-DC converters are components, intended
exclusively for inclusion within other equipment by an in-
dustrial assembly operation or by professional installers. In-
stallation must strictly follow the national safety regulations
in compliance with the enclosure, mounting, creepage,
clearance, casualty, markings and segregation require-
ments of the end-use application.
Connection to the system shall be made via the female con-
nector H15 (see:
Accessories). Other installation methods
may not meet the safety requirements.
The AC-DC converters are provided with pin no. 24 ( ),
which is reliably connected with their case. For safety rea-
sons it is essential to connect this pin with the protective
earth of the supply system.
An input fuse is built-in in the connection from pins no. 30
and 32 (P
∼) of the unit. Since this fuse is designed to pro-
tect the unit in case of an overcurrent and does not neces-
sarily cover all customer needs, an external fuse suitable
for the application and in compliance with the local require-
ments might be necessary in the wiring to one or both input
potentials, pins nos. 26 and 28 and/or nos. 30 and 32.
Important: Whenever the inhibit function is not in use,
pin no. 18 (i) should be connected to pin no. 14 (S–/Vo1–)
to enable the output(s).
Do not open the modules, or guarantee will be invali-
dated.
Due to high current values, all LS units provide two inter-
nally parallel connected contacts for certain paths (pins 4/6,
8/10, 26/28 and 30/32, respectively). It is recommended to
connect load and supply to both female connector pins of
each path in order to keep the voltage drop across the con-
nector pins to an absolute minimum and to not overstress
the connector contacts if currents are higher than
approx. 8 A. The connector contacts are rated 8 A over the
whole temperature range.
Make sure that there is sufficient air flow available for con-
vection cooling. This should be verified by measuring the
case temperature when the unit is installed and operated in
the end-use application. The maximum specified case tem-
perature
TC max shall not be exceeded. See also: Thermal
Considerations.
Check for hazardous voltages before altering any connec-
tions.
Ensure that a unit failure (e.g. by an internal short-circuit)
does not result in a hazardous condition. See also:
Safety
of operator accessible output circuit.
Cleaning Agents
In order to avoid possible damage, any penetration of
cleaning fluids is to be prevented, since the power supplies
are not hermetically sealed.
Fig. 27
View of module’s male H15 connector
Protection Degree
Condition: Female connector fitted to the unit.
IP 30: All units except those with option P, and except
those with option D or V with potentiometer.
IP 20: All units fitted with option P, or with option D or V with
potentiometer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com