Electronic Components Datasheet Search
  English  ▼

X  

LS4000 Datasheet(PDF) 18 Page - Power-One

Part # LS4000
Description  100 Watt AC-DC Converters with PFC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LS4000 Datasheet(HTML) 18 Page - Power-One

Back Button LS4000 Datasheet HTML 14Page - Power-One LS4000 Datasheet HTML 15Page - Power-One LS4000 Datasheet HTML 16Page - Power-One LS4000 Datasheet HTML 17Page - Power-One LS4000 Datasheet HTML 18Page - Power-One LS4000 Datasheet HTML 19Page - Power-One LS4000 Datasheet HTML 20Page - Power-One LS4000 Datasheet HTML 21Page - Power-One LS4000 Datasheet HTML 22Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Cassette Style
100 Watt AC-DC Converters
S Series PFC
Edition 01/01.2001
18/27
168.5 ±0.5
Measuring point of
case temperature TC
60
3.27
7 TE
5 TE
Test jacks
Option P (Uo)
Option D (Uti)
LED OK (green)
LED i (red)
LED I
oL (red)
Option D (Uto)
Front plate
Main face
Back plate
171.93 (DIN 41494)
50
= Ø 3.5
= Ø 4.1
(+/–)
152
M4
8
152
8
30
Fig. 26
Aluminium case S02 with option B1 (cooling plate), black
finish and self cooling. Total weight: Approx. 1.15 kg
Mechanical Data
Dimensions in mm. Tolerances
±0.3 mm unless otherwise indicated.
Fig. 25
Aluminium case S02 with heatsink, black finish and self
cooling, weight: Approx. 1.25 kg
Note:
– d
≥15 mm, recommended minimum distance to
next part to ensure proper air circulation at full
output power.
– free air locations: the module should be moun-
ted with fins in vertical position to achieve a
maximum air flow through the heat sink.
17.3
133.4
168 ±0.5
5
47.2
158
5
M 4
Measuring point of
case temperature
TC
50
171.93 (DIN 41494)
3.27
7 TE
4 TE
European
Projection
Note: Long case with option B2, elon-
gated by 60 mm for 220 mm rack depth,
is available on request. (No LEDs, no
test jacks.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com