Electronic Components Datasheet Search
  English  ▼

X  

LS4000 Datasheet(PDF) 22 Page - Power-One

Part # LS4000
Description  100 Watt AC-DC Converters with PFC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LS4000 Datasheet(HTML) 22 Page - Power-One

Back Button LS4000 Datasheet HTML 18Page - Power-One LS4000 Datasheet HTML 19Page - Power-One LS4000 Datasheet HTML 20Page - Power-One LS4000 Datasheet HTML 21Page - Power-One LS4000 Datasheet HTML 22Page - Power-One LS4000 Datasheet HTML 23Page - Power-One LS4000 Datasheet HTML 24Page - Power-One LS4000 Datasheet HTML 25Page - Power-One LS4000 Datasheet HTML 26Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Cassette Style
100 Watt AC-DC Converters
S Series PFC
Edition 01/01.2001
22/27
Fig. 34
Paralleling of single output units using option T with the
sense lines connected at the load
Load
max. 5 units in parallel connection
+
–
Power bus
Module
Vo2–
Vo2+
Vo1–
Vo1+
T
Module
Vo2–
Vo2+
Vo1–
Vo1+
T
11037
Load
1
1
1
2
2
3
3
LS 4000
S+
Vo+
Vo–
S–
N
P
T
LS 4000
N
P
S+
Vo+
Vo–
S–
T
1
max. 5 units connected in parallel
11011
1 Leads should have equal length and cross sections and should
run in the same cable loom.
2 Diodes recommended in redundant operation only
3 DC common point
Fig. 35
Paralleling of double output units using option T with
Power bus.
E Inrush Current Limitation
The converters may be supplemented by an electronic cir-
cuit (option E, replacing the standard built-in NTC) to
achieve an enhanced inrush current limiting function.
Table 17: Inrush current characteristics with option E
Characteristics
LS
Unit
Ui = 230 V AC
typ
max
Iinr p
Peak inrush current
–
25.3
A
tinr
Inrush current duration
35
50
ms
15
Ii [A]
10
5
0
–5
–10
0
20
40
60
80
t [ms]
tinr
Capacitor
Ci
fully charged
Normal operation
(FET fully conducting)
20
10
50
70
30
11002
Fig. 32
Inrush current with option E, Ui = 230 V AC, Po = Po nom
Precaution:
Subsequent switch-on cycles at start-up are limited to
max. 10 cycles during the first 20 seconds (cold unit)
and at continuing on/off (
TC =95°C) max. 1 cycle every
8sec.
Vo+
Vo–
Vo+
Vo–
Load
Vo+
Vo–
11003
Control
FET
Ci
RI
RS
Rectifier
Fig. 31
Option E block diagram
T Current Sharing
This option ensures that the output currents are approxi-
mately shared between all paralleled modules and in-
creases system reliability. To use this facility, simply inter-
connect the T pins of all modules and make sure, that
pin 14, the S– pin (S 4000) or the Vo1– pins (S 5000) are
also connected together. The load leads should have equal
length and cross section to ensure equal voltage drops. Not
more than 5 units should be connected in parallel. If output
voltage adjustment is requested we strongly recommend to
use the R-input instead of option P, as with option P the re-
quired setting accuracy is difficult to achieve. The output
voltages must be individually set prior to paralleling to
within a tolerance of 1...2% or the R pins should be con-
nected together.
Fig. 33
An example of poor wiring for connection in parallel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com