Electronic Components Datasheet Search
  English  ▼

X  

LS4000 Datasheet(PDF) 10 Page - Power-One

Part # LS4000
Description  100 Watt AC-DC Converters with PFC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LS4000 Datasheet(HTML) 10 Page - Power-One

Back Button LS4000 Datasheet HTML 6Page - Power-One LS4000 Datasheet HTML 7Page - Power-One LS4000 Datasheet HTML 8Page - Power-One LS4000 Datasheet HTML 9Page - Power-One LS4000 Datasheet HTML 10Page - Power-One LS4000 Datasheet HTML 11Page - Power-One LS4000 Datasheet HTML 12Page - Power-One LS4000 Datasheet HTML 13Page - Power-One LS4000 Datasheet HTML 14Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Cassette Style
100 Watt AC-DC Converters
S Series PFC
Edition 01/01.2001
10/27
Switching Frequency versus Load
0.2
0.4
0.6
0.8
1
0
60
0
10
20
30
40
50
Frequency [kHz]
load [Io/Io nom]
70
80
1.2
05008
Fig. 13
Switching frequency versus load. (The boost converter at
the input stage has a fixed frequency of 100 kHz)
0
0.2
0.4
0.6
0.8
1
Io2/Io2 nom
13.5
14
14.5
15
15.5
16
[V] Uo2
Io1 = 100%
Io1 =50%
Io1 =10%
16.5
05084
01
Io2/Io2 nom
10.5
11
11.5
12.0
12.5
13
[V] Uo2
Io1 =100%
Io1 =50%
Io1 =10%
0.2
0.4
0.6
0.8
05083
Fig. 10
LS 5320:
DUo2 (typ.) vs. Io2 with different Io1.
Fig. 11
LS 5540:
DUo2 (typ.) vs. Io2 with different Io1.
00.2
0.4
0.6
0.8
1
Io2/Io2 nom
21
22
23
24
25
26
27
[V] Uo2
Io1 = 100%
Io1 =50%
Io1 =10%
05085
Fig. 12
LS 5660:
DUo2 (typ.) vs. Io2 with different Io1.
Uo2d
Uo1d
Uo1d
td
td
Ur
Ur
t
t
t
<10
µs
<10
µs
Uo1
Uo2
Io1/Io1 nom
0
0.5
1
Io2/Io2 nom
05005
Fig. 14
Typical dynamic load regulation of Uo1 and Uo2.
Dynamic Load Regulation
Hold-up Time versus Output Power
0.2
0.4
0.6
0.8
1
0
0
20
160
40
60
80
100
120
140
time [ms]
180
Io /Io nom
05013
Fig. 15
Hold-up time th versus output power.
Efficiency versus Load
0.2
0.4
0.6
0.8
1
0
0.90
0.30
0.40
0.50
0.60
0.70
0.80
Efficiency
Io/Io nom
Ui = 230 V AC
Ui = 85 V AC
05014
Fig. 16
Efficiency versus load at Ui; 230 V AC and 85 V AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com