Electronic Components Datasheet Search
  English  ▼

X  

CDCE906 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE906 Datasheet(HTML) 36 Page - Texas Instruments

Back Button CDCE906 Datasheet HTML 32Page - Texas Instruments CDCE906 Datasheet HTML 33Page - Texas Instruments CDCE906 Datasheet HTML 34Page - Texas Instruments CDCE906 Datasheet HTML 35Page - Texas Instruments CDCE906 Datasheet HTML 36Page - Texas Instruments CDCE906 Datasheet HTML 37Page - Texas Instruments CDCE906 Datasheet HTML 38Page - Texas Instruments CDCE906 Datasheet HTML 39Page - Texas Instruments CDCE906 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
www.ti.com
EVM Board Configuration:
•Y0 (PLL1), Y1 3 state
•CLK_IN: Crystal 27 MHz
•measured Channel: Y0
Measurement:
•Start Condition:ƒ(M = 10, N = 30) = 81 MHz
•Byte 2 write: N = 30 (81 MHz) => N = 110 (297 MHz)
Result:
•60ms to PLL Pull In
•90ms to PLL Phase Lock
20 ms/div
81
297
0
60
t [ms]
Start Condition:
Acknowledge of
N-Divider Byte
Frequency
Response
Curve of Y0
f (MHz)
Power Supply Sequence
Device Behavior during Supply Voltage Drops
V
t
Typ3.3V
Typ2.1V
Typ1.7V
A
B
C
D
VCC
VPUC_ON
VPUC_OFF
GND
CDCE906
SCAS814H – NOVEMBER 2005 – REVISED DECEMBER 2007
Figure 34. Snapshot of the PLL Lock-Time
The CDCE906 includes the following three power supply pins: VCC, VCCOUT1, and VCCOUT2. There are no power
supply sequencing requirements, as the three power nodes are separated from each other. So, power can be
supplied in any order to the three nodes.
Also, the part has a power-up circuitry which switches the device on if VCC exceeds 2.1 V (typ) and switches the
device off at VCC < 1.7 V (typ). In power-down mode, all outputs and clock inputs are switched off.
The CDCE906 has a Power-Up-Circuit, which activates the device function at VPUC_ON (typical 2.1 V). At the
same time, the EEPROM information is loaded into the register. This mechanism ensures that there is a
pre-defined default after Power-Up and no need to reprogram the CDCE906 in the application.
In the event of a supply-voltage-drop, the Power-Up-Circuit assures that there is always a defined setup within
the register. Figure 35 shows possible voltage drops with different amplitudes.
Figure 35. Different Voltage Drops on VCC During Operation
36
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated
Product Folder Link(s): CDCE906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com