Electronic Components Datasheet Search
  English  ▼

X  

CDCE906 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE906 Datasheet(HTML) 20 Page - Texas Instruments

Back Button CDCE906 Datasheet HTML 16Page - Texas Instruments CDCE906 Datasheet HTML 17Page - Texas Instruments CDCE906 Datasheet HTML 18Page - Texas Instruments CDCE906 Datasheet HTML 19Page - Texas Instruments CDCE906 Datasheet HTML 20Page - Texas Instruments CDCE906 Datasheet HTML 21Page - Texas Instruments CDCE906 Datasheet HTML 22Page - Texas Instruments CDCE906 Datasheet HTML 23Page - Texas Instruments CDCE906 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
www.ti.com
CDCE906
SCAS814H – NOVEMBER 2005 – REVISED DECEMBER 2007
Byte 25, Bit [6:4]: SSC Modulation Amount (1)
SSC2
SSC1
SSC0
Function
Default(2)
0
0
0
SSC Modulation Amount 0% = SSC bypass for PLL(3)
Yes
0
0
1
SSC Modulation Amount ±0.1% (center spread)
0
1
0
SSC Modulation Amount ±0.25% (center spread)
0
1
1
SSC Modulation Amount ±0.4% (center spread)
1
0
0
SSC Modulation Amount 1% (down spread)
1
0
1
SSC Modulation Amount 1.5% (down spread)
1
1
0
SSC Modulation Amount 2% (down spread)
1
1
1
SSC Modulation Amount 3% (down spread)
(1)
The PLL has to be bypassed (turned off) when changing SSC Modulation Amount on-the-fly. This can be done by following
programming sequence: bypass PLL2 (Byte 3, Bit 6 = 1); write new Modulation Amount (Byte 25); re-activate PLL2 (Byte 3, Bit 6 = 0).
(2)
Unless customer specific setting.
(3)
If SSC bypass is selected, SSC circuitry of PLL2 is powered-down and the SSC output is reset to logic low. The non-SSC output of
PLL2 is not affected by this mode and can still be used.
Byte 25, Bit [7]: Permanently Lock EEPROM-Data
EELOCK
Permanently Lock EEPROM (1)
Default(2)
0
No
Yes
1
Yes
(1)
If this bit is set, the actual data in the EEPROM will be permanently locked. There is no further programming possible, even this bit is set
low. Data, however can still be written via SMBUS to the internal register to change device function on the fly. But new data no longer
can be stored into the EEPROM.
(2)
Unless customer specific setting.
Byte 26, Bit [6:0]: Byte Count(1)
BC6
BC5
BC4
BC3
BC2
BC1
BC0
No. of Bytes
Default(2)
0
0
0
0
0
0
0
Not allowed
0
0
0
0
0
0
1
1
0
0
0
0
0
1
0
2
0
0
0
0
0
1
1
3
•
•
•
0
0
1
1
0
1
1
27
Yes
•
•
•
1
1
1
1
1
0
1
125
1
1
1
1
1
1
0
126
1
1
1
1
1
1
1
127
(1)
Defines the number of Bytes, which will be sent from this device at the next Block Read protocol.
(2)
Unless customer specific setting.
Byte 26, Bit [7]: Initiate EEPROM Write Cycle(1)
EEWRITE
Starts EEPROM Write Cycle
Default(2)
0
No
Yes
1
Yes
(1)
The EEPROM WRITE cycle is initiated with the rising edge of the EEWRITE-Bit. A static level high does not trigger an EEPROM WRITE
cycle. This bit stays high until the user reset it to low (it will not automatically be reset after the programming has been completed).
Therefore, to initiate an EEPROM WRITE cycle, it is recommended to send a zero-one sequence to the EEWRITE bit in Byte 26.
During EEPROM programming, no data are allowed to be sent to the device via the SMBus until the programming sequence has been
completed. Data, however, can be readout during the programming sequence (Byte Read or Block Read). The programming status can
be monitored by readout EEPIP, Byte 24–Bit 7. If EELOCK is set, no EEPROM programming will be possible.
(2)
Unless customer specific setting.
20
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated
Product Folder Link(s): CDCE906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com