Electronic Components Datasheet Search
  English  ▼

X  

CDCE906 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE906 Datasheet(HTML) 15 Page - Texas Instruments

Back Button CDCE906 Datasheet HTML 11Page - Texas Instruments CDCE906 Datasheet HTML 12Page - Texas Instruments CDCE906 Datasheet HTML 13Page - Texas Instruments CDCE906 Datasheet HTML 14Page - Texas Instruments CDCE906 Datasheet HTML 15Page - Texas Instruments CDCE906 Datasheet HTML 16Page - Texas Instruments CDCE906 Datasheet HTML 17Page - Texas Instruments CDCE906 Datasheet HTML 18Page - Texas Instruments CDCE906 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
www.ti.com
PLL1
XO
or
2LVCMOS
or
Differential
Input
MUX
MUX
DividerM
1
MUX
DividerM
375
PLL3
PFD
Filter
VCO
PLL2
w/SSC
PFD
Filter
VCO
DividerN
8
DividerN
250
DividerN
3136
SO/CLK_SEL
S1
SCLOCK
OutputSwitchMatrix
27MHz
PROGRAMMING
LOGIC
SMBUS
LOGIC
PFD
Filter
VCO
SDATA
P0-Div
10
P1-Div
20
P2-Div
8
P3-Div
9
P4-Div
32
P5-Div
4
fVCO3 =225.792MHz
CLK_IN0
CLK_IN1
27MHz
Crystal
SSC-OFF
Y5
Y4
Y3
Y2
Y1
Y0
27MHz
27MHz
27MHz
27MHz
LV
CMOS
LV
CMOS
LV
CMOS
LV
CMOS
LV
CMOS
LV
CMOS
27MHz
DividerM
27
fVCO1 =216MHz
fVCO2 =250MHz
fout=
finxN
MxP
, i.e.fout=
27MHzx8
(1x8)
=27MHz
(1)
CDCE906
SCAS814H – NOVEMBER 2005 – REVISED DECEMBER 2007
NOTE: All outputs are enabled and in non-inverting mode. S0, S1, and SSC comply according the default setting described in
Byte 10 and Byte 25 respectively.
Figure 13. Default Device Setting
The output frequency can be calculated:
Copyright © 2005–2007, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): CDCE906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com