Electronic Components Datasheet Search
  English  ▼

X  

CDCE906 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE906 Datasheet(HTML) 37 Page - Texas Instruments

Back Button CDCE906 Datasheet HTML 33Page - Texas Instruments CDCE906 Datasheet HTML 34Page - Texas Instruments CDCE906 Datasheet HTML 35Page - Texas Instruments CDCE906 Datasheet HTML 36Page - Texas Instruments CDCE906 Datasheet HTML 37Page - Texas Instruments CDCE906 Datasheet HTML 38Page - Texas Instruments CDCE906 Datasheet HTML 39Page - Texas Instruments CDCE906 Datasheet HTML 40Page - Texas Instruments CDCE906 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
www.ti.com
EVM and Programming SW
CDCE906
SCAS814H – NOVEMBER 2005 – REVISED DECEMBER 2007
The CDCE906 Power-Up-Circuit has an inbuilt hysteresis. If the voltage stays above VPUC_OFF, which is typically
at 1.7 V, the register content stays unchanged. If the voltage drops below VPUC_OFF, the internal register is
reloaded by the EEPROM after VPUC_ON is crossed again. VPUC_ON is typically 2.1 V. Table 8 show the content of
the EEPROM and the Register after above voltage drops scenarios.
Table 8. EEPROM and Register Content After VCC Drop
Power Drop
EEPROM Content
Register Content
A
Unchanged
Unchanged
B
Unchanged
Unchanged
C
Unchanged
Reloaded from EEPROM
D
Unchanged
Reloaded from EEPROM
The CDCE906 EVM is a development kit consisting of a performance evaluation module, the TI Pro Clock
software, and the User's Guide. Contact Texas Instruments sales or marketing representative for more
information.
Copyright © 2005–2007, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): CDCE906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com