Electronic Components Datasheet Search
  English  ▼

X  

CDCE906 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE906 Datasheet(HTML) 30 Page - Texas Instruments

Back Button CDCE906 Datasheet HTML 26Page - Texas Instruments CDCE906 Datasheet HTML 27Page - Texas Instruments CDCE906 Datasheet HTML 28Page - Texas Instruments CDCE906 Datasheet HTML 29Page - Texas Instruments CDCE906 Datasheet HTML 30Page - Texas Instruments CDCE906 Datasheet HTML 31Page - Texas Instruments CDCE906 Datasheet HTML 32Page - Texas Instruments CDCE906 Datasheet HTML 33Page - Texas Instruments CDCE906 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
www.ti.com
Performance Data: Output Skew, Jitter, Cross Coupling, Noise Rejection (Spur-Suppression),
Output Skew
Jitter Performance
CDCE906
SCAS814H – NOVEMBER 2005 – REVISED DECEMBER 2007
and Phase Noise
Skew is an important parameter for clock distribution circuits. It is defined as the time difference between outputs
that are driven by the same input clock. Table 5 shows the output skew (tsk(o)) of the CDCE906 for high-to-low
and low-to-high transitions over the entire range of supply voltages, operating temperature and output voltage
swing.
Table 5. Output Skew
PARAMETER
Vccout
TYP
MAX
UNIT
2.5 V
130
250
ps
tsk(o)
3.3 V
130
200
ps
Jitter is a major parameter for PLL-based clock driver circuits. This becomes important as speed increases and
timing budget decreases. The PLL and internal circuits of CDCE906 are designed for lowest jitter. The
peak-to-peak period jitter is only 60 ps (typical). Table 6 gives the peak-to-peak and rms deviation of
cycle-to-cycle jitter, period jitter and phase jitter as taken during characterization.
Table 6. Jitter Performance of CDCE906
PARAMETER
fout
TYP(1)
MAX(1)
UNIT
Peak-Peak
rms
Peak-Peak
rms
(one sigma)
(one sigma)
tjit(cc)
50 MHz
55
–
75
–
ps
133 MHz
50
–
85
–
tjit(per)
50 MHz
60
4
76
7
ps
133 MHz
55
5
84
11
tjit(phase)
50 MHz
730
90
840
115
ps
133 MHz
930
130
1310
175
(1)
All typical and maximum values are at VCC = 3.3 V, temperature = 25°C, Vccout = 3.3 V; one output is switching, data taken over several
10000 cycles.
Figure 27, Figure 28, and Figure 29 show the relationship between cycle-to-cycle jitter, period jitter, and phase
jitter over 10000 samples. The jitter varies with a smaller or wider sample window. The cycle-to-cycle jitter and
period jitter show the measured value whereas the phase jitter is the accumulated period jitter.
Cycle-to-Cycle jitter (tjit(cc)) is the variation in cycle time of a clock signal between adjacent cycles, over a random
sample of adjacent cycle pairs. Cycle-to-cycle jitter will never be greater than the period jitter. It is also known as
adjacent cycle jitter.
30
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated
Product Folder Link(s): CDCE906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com