Electronic Components Datasheet Search
  English  ▼

X  

CDCE906 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE906 Datasheet(HTML) 32 Page - Texas Instruments

Back Button CDCE906 Datasheet HTML 28Page - Texas Instruments CDCE906 Datasheet HTML 29Page - Texas Instruments CDCE906 Datasheet HTML 30Page - Texas Instruments CDCE906 Datasheet HTML 31Page - Texas Instruments CDCE906 Datasheet HTML 32Page - Texas Instruments CDCE906 Datasheet HTML 33Page - Texas Instruments CDCE906 Datasheet HTML 34Page - Texas Instruments CDCE906 Datasheet HTML 35Page - Texas Instruments CDCE906 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
www.ti.com
−300
−250
−200
−150
−100
−50
0
50
100
150
200
250
300
1
1001
2001
3001
4001
5001
6001
7001
8001
9001
10001
Cycle
CDCE906
SCAS814H – NOVEMBER 2005 – REVISED DECEMBER 2007
Phase jitter (tjit(phase)) is the long-term variation of the clock signal. It is the cumulative deviation in t(Θ) for a
controlled edge with respect to a t(
Θ) mean in a random sample of cycles. Phase jitter, Time Interval Error (TIE),
or Wander are used in literature to describe long-term variation in frequency. As of ITU-T: G.810, wander is
defined as phase variation at rates less than 10 Hz while jitter is defined as phase variation greater than 10 Hz.
The measurement interval must be long enough to gain a meaningful result. Wander can be caused by
temperature drift, aging, supply voltage drift, etc.
Figure 29. Snapshot of Phase Jitter
Jitter also depends on the VCO frequency (fVCO) of the PLL. A higher fVCO results in better jitter performance
compared to a lower fVCO. The VCO frequency can be defined via the M- and N-divider of the PLL.
As the CDCE906 supports a pretty wide frequency range, the device offers a VCO Frequency Selection Bit, Bit
[7:5] of Byte 6. This bit defines the jitter-optimized frequency range of each PLL. The user can select between
the normal-speed mode (80 MHz to 200 MHz) and the high-speed mode (180 MHz to 300 MHz). Figure 30
shows the jitter performance over fVCO for the two frequency ranges.
32
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated
Product Folder Link(s): CDCE906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com