Electronic Components Datasheet Search
  English  ▼

X  

CDCE906 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE906 Datasheet(HTML) 17 Page - Texas Instruments

Back Button CDCE906 Datasheet HTML 13Page - Texas Instruments CDCE906 Datasheet HTML 14Page - Texas Instruments CDCE906 Datasheet HTML 15Page - Texas Instruments CDCE906 Datasheet HTML 16Page - Texas Instruments CDCE906 Datasheet HTML 17Page - Texas Instruments CDCE906 Datasheet HTML 18Page - Texas Instruments CDCE906 Datasheet HTML 19Page - Texas Instruments CDCE906 Datasheet HTML 20Page - Texas Instruments CDCE906 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
www.ti.com
CDCE906
SCAS814H – NOVEMBER 2005 – REVISED DECEMBER 2007
Byte 9 to 12: Outputs Switch Matrix (5x6 Switch A) PLL Selection for P-Divider P0-P5
SWAPx2
SWAPx1
SWAPx0
Any Output Px
Default(1)
0
0
0
PLL bypass (input clock)
0
0
1
PLL1
P2, P3, P4, P5
0
1
0
PLL2 non-SSC
P0
0
1
1
PLL2 w/ SSC(2)
1
0
0
PLL3
P1
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Reserved
(1)
Unless customer specific setting.
(2)
PLL2 has a SSC output and non-SSC output. If SSC bypass is selected (see Byte 25, Bit [6:4]), the SSC circuitry of PLL2 is
powered-down and the SSC output is reset to logic low. The non-SSC output of PLL2 is not affected by this mode and can still be used.
Byte 10, Bit [1:0]: Configuration Settings of Input S0/A0/CLK_SEL
S01
S00
Function
Default(1)
If S0 is low, the PLLs and the clock-input stage are going into power-down mode, outputs are in
Yes
0
0
3-state, all actual register settings will be maintained, SMBus stays active (2)
If S0 is low, the PLL and all dividers (M-Div and P-Div) are bypassed and PLL is in power-down,
0
1
all outputs are active (inv. or non-inv.), actual register settings will be maintained, SMBus stays
active; this mode is useful for production test;
CLK_SEL (input clock selection — overwrites the CLK_SEL setting in Byte 10, Bit [4])(3)
1
0
— CLK_SEL is set low selects CLK_IN_IN0
— CLK_SEL is set high selects CLK_IN_IN1
In this mode, the control input S0 is interpreted as address bit A0 of the slave receiver address
1
1
byte(4)
(1)
Unless customer specific setting.
(2)
Power-down mode overwrites 3-state or low-state of S1 setting in Byte 10, Bit [3:2].
(3)
If the clock input (CLK_IN0/CLK_IN1) is selected as crystal input or differential clock input (Byte 11, Bit [7:6]) then this setting is not
relevant.
(4)
To use this pin as Slave Receiver Address Bit A0, an Initialization pattern needs to be sent to CDCE906. When S00/S01 is set to be 1,
the S0 input pin will be interpreted in the next read or write cycle as the Address Bit A0 of the Slave Receiver Address Byte. Note that
right after the Byte 10 (S00/S01) has been written, A0 (via S0-pin) will immediately be active (also when Byte 10 is sent within a block
write sequence). After the Initialization each CDCE906 has its own S0 dependent Slave Receiver Address and can be addressed
accordingly to their new valid address.
Byte 10, Bit [3:2]: Configuration Settings of Input S1/A1
S11
S10
Function
Default(1)
0
0
If S1 is set low, all outputs are switched to a low-state (non-inv.) or high-state (inv.);
Yes
0
1
If S1 is set low, all outputs are switched to a 3-state
1
0
Reserved
In this mode, the control input S1 is interpreted as Address Bit A1 of the Slave Receiver Address
1
1
Byte(2)
(1)
Unless customer specific setting.
(2)
To use this pin as Slave Receiver Address Bit A1, an Initialization pattern needs to be sent to CDCE906. When S10/S11 is set to be 1,
the S1 input pin will be interpreted in the next read or write cycle as the Address Bit A1 of the Slave Receiver Address Byte. Note that
right after the Byte 10 (S10/S11) has been written, A1 (via S1-pin) will immediately be active (also when Byte 10 is sent within a block
write sequence). After the Initialization each CDCE906 has its own S1 dependent Slave Receiver Address and can be addressed
accordingly to their new valid address.
Byte 10, Bit [4]: Input Clock Selection(1)
CLKSEL
Input Clock
Default(2)
0
CLK_IN0
Yes
1
CLK_IN1
(1)
This bit is not relevant, if crystal input or differential clock input is selected, Byte 11, Bit [7:6].
(2)
Unless customer specific setting.
Copyright © 2005–2007, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): CDCE906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com