Electronic Components Datasheet Search
  English  ▼

X  

CDCE906 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE906 Datasheet(HTML) 19 Page - Texas Instruments

Back Button CDCE906 Datasheet HTML 15Page - Texas Instruments CDCE906 Datasheet HTML 16Page - Texas Instruments CDCE906 Datasheet HTML 17Page - Texas Instruments CDCE906 Datasheet HTML 18Page - Texas Instruments CDCE906 Datasheet HTML 19Page - Texas Instruments CDCE906 Datasheet HTML 20Page - Texas Instruments CDCE906 Datasheet HTML 21Page - Texas Instruments CDCE906 Datasheet HTML 22Page - Texas Instruments CDCE906 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
www.ti.com
CDCE906
SCAS814H – NOVEMBER 2005 – REVISED DECEMBER 2007
Byte 19 to 24, Bit [3]: Output Y0-Y5 Enable or Low-State
ENDISYx
Output Yx
Default(1)
0
Disable to low
1
Enable
Yes
(1)
Unless customer specific setting.
Byte 19 to 24, Bit [6]: Output Y0-Y5 Non-Inverting/Inverting
INVYx
Output Yx Status
Default(1)
0
Non-inverting
Yes
1
Inverting
(1)
Unless customer specific setting.
Byte 24, Bit [7] (read only): EEPROM Programming In Process Status(1)
EEPIP
Indicate EEPROM Write Process
Default
0
No programming
1
Programming in process
(1)
This read only Bit indicates an EEPROM write process. It is set to high if programming starts and resets to low if programming is
completed. Any data written to the EEPIP-Bit will be ignored. During programming, no data are allowed to be sent to the device via the
SMBus until the programming sequence is completed. Data, however, can be readout during the programming sequence (Byte Read or
Block Read).
Byte 25, Bit [3:0]: SSC Modulation Frequency Selection in the Range of 30 kHz 60 kHz(1)
FSSC3
FSSC2
FSSC1
FSSC0
Modulation
fvco [MHz]
Default(2)
Factor
100
110
120
130
140
150
160
167
0
0
0
0
5680
fmod
17.6
19.4
21.1
22.9
24.6
26.4
28.2
29.4
[kHz]
0
0
0
1
5412
18.5
20.3
22.2
24.0
25.9
27.7
29.6
30.9
0
0
1
0
5144
19.4
21.4
23.3
25.3
27.2
29.2
31.1
32.5
0
0
1
1
4876
20.5
22.6
24.6
26.7
28.7
30.8
32.8
34.2
0
1
0
0
4608
21.7
23.9
26.0
28.2
30.4
32.6
34.7
36.2
0
1
0
1
4340
23.0
25.3
27.6
30.0
32.3
34.6
36.9
38.5
0
1
1
0
4072
24.6
27.0
29.5
31.9
34.4
36.8
39.3
41.0
0
1
1
1
3804
26.3
28.9
31.5
34.2
36.8
39.4
42.1
43.9
1
0
0
0
3536
28.3
31.1
33.9
36.8
39.6
42.4
45.2
47.2
1
0
0
1
3286
30.4
33.5
36.5
39.6
42.6
45.6
48.7
50.8
Yes
1
0
1
0
3000
33.3
36.7
40.0
43.3
46.7
50.0
53.3
55.7
1
0
1
1
2732
36.6
40.3
43.9
47.6
51.2
54.9
58.6
61.1
1
1
0
0
2464
40.6
44.6
48.7
52.8
56.8
60.9
64.9
67.8
1
1
0
1
2196
45.5
50.1
54.6
59.2
63.8
68.3
72.9
76.0
1
1
1
0
1928
51.9
57.1
62.2
67.4
72.6
77.8
83.0
86.6
1
1
1
1
1660
60.2
66.3
72.3
78.3
84.3
90.4
96.4
100.6
(1)
The PLL has to be bypassed (turned off) when changing SSC Modulation Frequency Factor on-the-fly. This can be done by following
programming sequence: bypass PLL2 (Byte 3, Bit 6 = 1); write new Modulation Factor (Byte 25); re-activate PLL2 (Byte 3, Bit 6 = 0).
(2)
Unless customer specific setting.
Copyright © 2005–2007, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): CDCE906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com