Electronic Components Datasheet Search
  English  ▼

X  

CDCE906 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE906 Datasheet(HTML) 22 Page - Texas Instruments

Back Button CDCE906 Datasheet HTML 18Page - Texas Instruments CDCE906 Datasheet HTML 19Page - Texas Instruments CDCE906 Datasheet HTML 20Page - Texas Instruments CDCE906 Datasheet HTML 21Page - Texas Instruments CDCE906 Datasheet HTML 22Page - Texas Instruments CDCE906 Datasheet HTML 23Page - Texas Instruments CDCE906 Datasheet HTML 24Page - Texas Instruments CDCE906 Datasheet HTML 25Page - Texas Instruments CDCE906 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
www.ti.com
27 MHz
Crystal
CDCE906
16.9344 MHz (384fs)
33.8688 MHz (768fs)
11.2896 MHz (256fs)
27 MHz
DVD−DSP
MPEG/AC−3
Audio Dec
Karaoke
DSP
PCM1716
Front
Surround
Center
Subwoofer
CPU Clock
64 MHz
i.e. audio rate: 44.1 kHz
Clock Inputs (CLK_IN0 and CLK_IN1)
XO
or
2LVCMOS
or
Differential
Input
CLK_IN0
CLK_IN1
Input source select
(from EEPROM)
C
X0
C
X1
crystal
unit
C
ICB
C
ICB
CDCE906
SCAS814H – NOVEMBER 2005 – REVISED DECEMBER 2007
Typical applications for the CDCE906 are digital HDTV systems, gaming consoles, DVD players, DVD add-on
cards for multimedia PCs, and step-top boxes.
Figure 14. CDCE906 System Application Block Diagram
The CDCE906 features two clock inputs which can be used as:
• Crystal oscillator input (default setting)
• Two independent single-ended LVCMOS inputs
• Differential signal input
The dedicated clock input can be selected by the input signal source Bit [7:6] of Byte 11.
Crystal Oscillator Inputs
The input frequency range in crystal mode is 8 MHz to 54 MHz. The CDCE906 uses a Pierce-type oscillator
circuitry with included feedback resistance for the inverting amplifier. The user, however, has to add external
capacitors CX0, CX1) to match the input load capacitor from the crystal (see Figure 15). The required values can
be calculated:
CX0 = CX1 = 2 × CL– CICB,
where CL is the crystal load capacitor as specified for the crystal unit and CICB is the input capacitance of the
device including the board capacitance (stray capacitance of PCB).
For example, for a fundamental 27-MHz crystal with CL of 9 pF and CICB of 4 pF,
CX0 = CX1 = (2 × 9 pF) – 3 pF = 15 pF.
It is important to use a short PCB trace from the device to the crystal unit to keep the stray capacitance of the
oscillator loop to a minimum.
Figure 15. Crystal Input Circuitry
22
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated
Product Folder Link(s): CDCE906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com