Electronic Components Datasheet Search
  English  ▼

X  

CDCE906 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE906 Datasheet(HTML) 28 Page - Texas Instruments

Back Button CDCE906 Datasheet HTML 24Page - Texas Instruments CDCE906 Datasheet HTML 25Page - Texas Instruments CDCE906 Datasheet HTML 26Page - Texas Instruments CDCE906 Datasheet HTML 27Page - Texas Instruments CDCE906 Datasheet HTML 28Page - Texas Instruments CDCE906 Datasheet HTML 29Page - Texas Instruments CDCE906 Datasheet HTML 30Page - Texas Instruments CDCE906 Datasheet HTML 31Page - Texas Instruments CDCE906 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
www.ti.com
Output Switching Matrix
CDCE906
SCAS814H – NOVEMBER 2005 – REVISED DECEMBER 2007
Table 4. Configuration Setting of Control Inputs
Configuration Bits
External Control Pins
Device Function
Byte 10,
Byte 10,
Bit [3:2]
Bit [1:0]
S11
S10
S01
S00
S1
S0
Yx Outputs
Power
Pin 2
Pin 1
(Pin 2)
(Pin 1)
Down
0
X
0
X
1
1
Active
No
Output ctrl
Output ctrl
0
0
0
X
0
1
Low/High(1)
No
Output ctrl
Output ctrl
0
1
0
X
0
1
3-State
Outputs only
Output ctrl
Output ctrl
0
X
0
0
X
0
3-State
PLL, inputs and outputs
Output ctrl
Output ctrl and pd
0
X
0
1
0
0
S10=0: low/high(1)
PLL only
Output ctrl
PLL and Div bypass
S10=1: 3-State
0
X
0
1
1
0
Active
PLL only
Output ctrl
PLL and Div bypass
0
X
1
0
0
0/1(2)
S10=0: Low/High(1)
No
Output ctrl
CLK_SEL
S10=1: 3-State
0
X
1
0
1
0/1(2)
Active
No
Output ctrl
CLK_SEL
1
1
1
1
X
X
Active
No
A1(3)
A0(3)
(1)
A non-inverting output will be set to low and an inverting output will be set to high.
(2)
If S0 is 0, CLK_IN0 is selected; if S0 is 1, CLK_IN1 is selected.
(3)
S0 and S1 are interpreted as Address Bit A0 and A1 of the Slave Receiver Address Byte.
As shown in Table 4, there is a specific order of the different output condition: Power-down mode overwrites
3-state, 3-state overwrites low-state, and low-state overwrites active-state.
The flexible architecture of the output switch matrix allows the user to switch any of the internal clock signal
sources via a free-selectable post-divider to any of the six outputs.
As shown in Figure 24, the CDCE906 is based on two banks of switches and six post-dividers. Switch A
comprises six 5-Input-Muxes which selects one of the four PLL clock outputs or directly selects the input clock
and feed it to one of the 7-bit post-divider (P-Divider). Switch B is made up of six 6-Input-Muxes which takes any
post-divider and feeds it to one of the six outputs, Yx.
Switch B was added to the output switch matrix to ensure that outputs frequencies derive from one P-divider are
100% phase aligned. Also, the P-divider is built in a way that every divide factor is automatically duty-cycle
corrected. Changing the divider value on the fly may cause a glitch on the output.
28
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated
Product Folder Link(s): CDCE906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com