Electronic Components Datasheet Search
  English  ▼

X  

CDCE906 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE906 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCE906 Datasheet HTML 5Page - Texas Instruments CDCE906 Datasheet HTML 6Page - Texas Instruments CDCE906 Datasheet HTML 7Page - Texas Instruments CDCE906 Datasheet HTML 8Page - Texas Instruments CDCE906 Datasheet HTML 9Page - Texas Instruments CDCE906 Datasheet HTML 10Page - Texas Instruments CDCE906 Datasheet HTML 11Page - Texas Instruments CDCE906 Datasheet HTML 12Page - Texas Instruments CDCE906 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
www.ti.com
PLL 1+PLL 2SSC+PLL3
V
=3.3V,
Mdiv=1,
Ndiv=2,
P div=1,
VCOhigh-speedmode
CC
PLL 1+PLL 2+PLL3
PLL 1+PLL 2
f
-[MHz]
VCO
310
PLL 1
300
250
190
180
90
80
0
70
60
50
40
30
20
10
170
160
150
120
140
110
130
100
270
260
240
230
200
220
210
290
280
0
5
10
15
20
25
30
35
40
45
50
55
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
6Outputs
5Outputs
4Outputs
3Outputs
2Outputs
1Outputs
V
=3.3V,
Mdiv=1,
Ndiv=2,
P div=1
CC
f
-[MHz]
VCO
CDCE906
SCAS814H – NOVEMBER 2005 – REVISED DECEMBER 2007
TYPICAL CHARACTERISTICS (continued)
Figure 3. ICC vs Number of PLLs and VCO Frequency (VCO at High-Speed Mode, Byte 6 Bit [7:5])
Figure 4. ICCOUT vs Number of Outputs and VCO Frequency
Copyright © 2005–2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): CDCE906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com