Electronic Components Datasheet Search
  English  ▼

X  

CDCE906 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE906 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCE906 Datasheet HTML 3Page - Texas Instruments CDCE906 Datasheet HTML 4Page - Texas Instruments CDCE906 Datasheet HTML 5Page - Texas Instruments CDCE906 Datasheet HTML 6Page - Texas Instruments CDCE906 Datasheet HTML 7Page - Texas Instruments CDCE906 Datasheet HTML 8Page - Texas Instruments CDCE906 Datasheet HTML 9Page - Texas Instruments CDCE906 Datasheet HTML 10Page - Texas Instruments CDCE906 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
www.ti.com
CDCE906
SCAS814H – NOVEMBER 2005 – REVISED DECEMBER 2007
DEVICE CHARACTERISTICS (continued)
over recommended operating free-air temperature range and test load (unless otherwise noted), see Figure 1
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
1 PLL, 1 Output
fOUT = 24.576 MHz
65
95
tjit(cc)
Cycle-to-cycle jitter (5) (6)
ps
3 PLLs, 3 Outputs
fOUT = 24.576 MHz
85
135
1 PLL, 1 Output
fOUT = 24.576 MHz
90
115
tjit(per)
Peak-to-peak period jitter(5)(6)
ps
3 PLLs, 3 Outputs
fOUT = 24.576 MHz
100
150
Output skew (see (7) and Table 5)
1.6-ns rise/fall time at
tsk(o)
200
ps
fvco = 150 MHz, Pdiv = 3
odc
Output duty cycle(8)
fvco = 100 MHz, Pdiv = 1
45%
55%
LVCMOS PARAMETER FOR Vccout = 2.5-V Mode
(9)
Vccout = 2.3 V, IOH = 0.1 mA
2.2
VOH
LVCMOS high-level output voltage
Vccout = 2.3 V, IOH = –3 mA
1.7
V
Vccout = 2.3 V, IOH = –4 mA
1.5
Vccout = 2.3 V, IOL = 0.1 mA
0.1
VOL
LVCMOS low-level output voltage
Vccout = 2.3 V, IOL = 3 mA
0.5
V
Vccout = 2.3 V, IOL = 4 mA
0.85
All PLL bypass
9
tPLH,
Propagation delay
ns
tPHL
VCO bypass
11
Rise and fall time for output
tr0/tf0
Vccout = 2.5 V (20%–80%)
2
3.9
5.6
ns
slew rate 0
Rise and fall time for output
tr1/tf1
Vccout = 2.5 V (20%–80%)
1.8
2.9
4.4
ns
slew rate 1
Rise and fall time for output
tr2/tf2
Vccout = 2.5 V (20%–80%)
1.3
2
3.2
ns
slew rate 2
Rise and fall time for output
tr3/tf3
Vccout = 2.5 V (20%–80%)
0.4
0.8
1.1
ns
slew rate 3 (Default Configuration)
1 PLL, 1 Output
fOUT = 24.576 MHz
85
120
tjit(cc)
Cycle-to-cycle jitter (10) (11)
ps
3 PLLs, 3 Outputs
fOUT = 24.576 MHz
95
155
1 PLL, 1 Output
fOUT = 24.576 MHz
110
135
tjit(per)
Peak-to-peak period jitter (10)(11)
ps
3 PLLs, 3 Outputs
fOUT = 24.576 MHz
110
175
2-ns rise/fall time at
tsk(o)
Output skew (see (12) and Table 5)
250
ps
fVCO = 150 MHz, Pdiv = 3
odc
Output duty cycle(13)
fVCO = 100 MHz, Pdiv = 1
45%
55%
SMBus PARAMETER
SCLK and SDATA input clamp
VIK
VCC = 3 V, II = –18 mA
–1.2
V
voltage
II
SCLK and SDATA input current
VI = 0 V or VCC, VCC = 3.6 V
±5
µA
VIH
SCLK input high voltage
2.1
V
VIL
SCLK input low voltage
0.8
V
VOL
SDATA low-level output voltage
IOL = 4 mA, VCC = 3 V
0.4
V
CISCLK
Input capacitance at SCLK
VI = 0 V or VCC
3
10
pF
CISDATA Input capacitance at SDATA
VI = 0 V or VCC
3
10
pF
(5)
50000 cycles.
(6)
Jitter depends on configuration. Jitter data is for normal tr/tf, input frequency = 27 MHz, fVCO = 147 MHz output.
(7)
The tsk(o) specification is only valid for equal loading of all outputs.
(8)
odc depends on output rise and fall time (tr/tf); above limits are for normal tr/tf.
(9)
There is a limited drive capability at output supply voltage of 2.5 V. For proper termination, see application report SCAA080.
(10) 50000 cycles.
(11) Jitter depends on configuration. Jitter data is for normal tr/tf, input frequency = 27 MHz, fVCO = 147 MHz output.
(12) The tsk(o) specification is only valid for equal loading of all outputs.
(13) odc depends on output rise and fall time (tr/tf); above limits are for normal tr/tf.
Copyright © 2005–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): CDCE906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com