Electronic Components Datasheet Search
  English  ▼

X  

CDCE906 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE906 Datasheet(HTML) 26 Page - Texas Instruments

Back Button CDCE906 Datasheet HTML 22Page - Texas Instruments CDCE906 Datasheet HTML 23Page - Texas Instruments CDCE906 Datasheet HTML 24Page - Texas Instruments CDCE906 Datasheet HTML 25Page - Texas Instruments CDCE906 Datasheet HTML 26Page - Texas Instruments CDCE906 Datasheet HTML 27Page - Texas Instruments CDCE906 Datasheet HTML 28Page - Texas Instruments CDCE906 Datasheet HTML 29Page - Texas Instruments CDCE906 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
www.ti.com
SSC Modulation Amount
SSC Modulation Frequency
3
4
5
6
7
8
9
10
11
12
30
40
50
60
3% Down Spread
2% Down Spread
fmodulation − kHz
+0.4 Center Spread
+0.25 Center Spread
Further EMI Reduction
CDCE906
SCAS814H – NOVEMBER 2005 – REVISED DECEMBER 2007
In SSC mode, the user can select the SSC modulation amount and SSC modulation frequency. The modulation
amount is the frequency deviation based to the carrier (min/max frequency), whereas the modulation frequency
determines the speed of the frequency variation. In SSC mode, the maximum VCO frequency is limited to 167
MHz.
The CDCE906 supports center spread modulation and down spread modulation. In center spread, the clock is
symmetrically shifted around the carrier frequency and can be ±0.1%, ±0.25%, and ±0.4%. At down spread, the
clock frequency is always lower than the carrier frequency and can be 1%, 1.5%, 2%, and 3%. The down spread
is preferred if a system can not tolerate an operating frequency higher than the nominal frequency (over-clocking
problem).
Example:
Modulation Type
Minimum
Center
Maximum
Frequency
Frequency
Frequency
A
±0.25% center spread
53.865 MHz
54 MHz
54.135 MHz
B
1% down spread
53.46 MHz
—
54 MHz
C
0.5% down spread(1)
53.73 MHz
53.865 MHz
54 MHz
(1)
A down spread of 0.5% of a 54-MHz carrier is equivalent to 59.865 MHz at a center spread of ±0.25%.
The modulation frequency (sweep rate) can be selected between 30 kHz and 60 kHz. It is also based on the
VCO frequency as shown in the SSC Modulation Frequency Selection as shown on page 19. As shown in
Figure 21, the damping increases with higher modulation frequencies. It may be limited by the tracking skew of a
downstream PLL. The CDCE906 uses a triangle modulation profile which is one of the common profiles for SSC.
Figure 21. EMI Reduction vs fModulation and fAmount
The optimum damping is a combination of modulation amount, modulation frequency and the harmonics which
are considered. Note that higher order harmonic frequencies results in stronger EMI reduction because of
respective higher frequency deviation.
As seen in Figure 22 and Figure 23, a slower output slew rate and/or smaller output signal amplitude helps to
reduce EMI emission even more. Both measures reduce the RF energy of clock harmonics. The CDCE906
allows slew rate control in four steps between 0.6 ns and 3.3 ns (Byte 19-24, Bit [5:4]). The output amplitude is
set by the two independent output supply voltage pins, VCCOUT1 and VCCOUT2, and can vary from 2.3 V to 3.6 V.
Even a lower output supply voltage down to 1.8 V works, but the maximum frequency has to be considered.
26
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated
Product Folder Link(s): CDCE906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com