Electronic Components Datasheet Search
  English  ▼

X  

6402 Datasheet(PDF) 120 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 120 Page - Intel Corporation

Back Button 6402 Datasheet HTML 116Page - Intel Corporation 6402 Datasheet HTML 117Page - Intel Corporation 6402 Datasheet HTML 118Page - Intel Corporation 6402 Datasheet HTML 119Page - Intel Corporation 6402 Datasheet HTML 120Page - Intel Corporation 6402 Datasheet HTML 121Page - Intel Corporation 6402 Datasheet HTML 122Page - Intel Corporation 6402 Datasheet HTML 123Page - Intel Corporation 6402 Datasheet HTML 124Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 250 page
background image
DDR MemBIST
120
Intel® 6400/6402 Advanced Memory Buffer Datasheet
11.3.2.4.3
Fast XY
In Fast XY execution, both the X and Y address counters are changed by one count at
the same time. Each of these counters begins at its starting address and increments to
its ending address (or decrements from ending to starting address if so programmed)
and then reloads on the next count to its initial value. As a result, test execution
accesses the RAM locations in diagonal rows across the RAM. Execution stops when
both the X and Y address counters reach their end values simultaneously.
In the special case when there are the same number of rows and columns in the
address space, only the locations on the diagonal (whose relative row and column
positions are equal) will be tested. In the general case in which the specified address
range results in different numbers of rows and columns, not all locations may be
accessed. Which locations are accessed in this case depends upon the X to Y ratio of
the address space specified for the test. See Figure 11-4 below for several examples.
Because the starting and ending addresses are always located at opposite corners of
the address space, the end address is always eventually reached, and the MemBIST
operation always completes.
Figure 11-3. Fast X Address Sequencing
S
18
15
12
9
6
3
17
14
11
8
5
2
16
13
10
7
4
E
1
One Bank
0 Increasing Y
Increasing X
0
Address space as set by values in MTR register
Address space as set by start and end values in
MB_START_ADDR and MB_END_ADDR registers
0001
Fast X address sequencing, decreasing
address, specified address range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com