Electronic Components Datasheet Search
  English  ▼

X  

6402 Datasheet(PDF) 118 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 118 Page - Intel Corporation

Back Button 6402 Datasheet HTML 114Page - Intel Corporation 6402 Datasheet HTML 115Page - Intel Corporation 6402 Datasheet HTML 116Page - Intel Corporation 6402 Datasheet HTML 117Page - Intel Corporation 6402 Datasheet HTML 118Page - Intel Corporation 6402 Datasheet HTML 119Page - Intel Corporation 6402 Datasheet HTML 120Page - Intel Corporation 6402 Datasheet HTML 121Page - Intel Corporation 6402 Datasheet HTML 122Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 250 page
background image
DDR MemBIST
118
Intel® 6400/6402 Advanced Memory Buffer Datasheet
underflow is applied to the next, or Z, counter. When counter Z reaches its limit, its
overflow or underflow is applied to counter X. A counter that overflows or underflows
resets to its initial starting value and continues counting from that value.
When using XZY addressing, MemBIST accesses the banks specified by
MB_START_ADDR and MB_END_ADDR (with range addressing) or bank 0 through the
MTR limit (with full addressing).
When using XZY addressing, MemBIST accesses multiple banks.
• With range addressing (MBCSR:atype = 0x2), the banks accessed are in the
inclusive range specified by MB_START_ADDR:ba and MB_END_ADDR:ba.
• With full addressing (MBCSR:atype = 0x3), the bank address is bank 0 through the
MTR limit.
When using Fast X, Fast Y or Fast XY addressing, MemBIST will traverse a single bank.
• With range addressing (MBCSR:atype = 0x2), the bank is specified by
MB_START_ADDR:ba. MB_END_ADDR:ba is ignored.
• With full addressing (MBCSR:atype = 0x3), the bank address is always 0.
The direction of sequencing through the test address space is chosen using the
MBCSR:adir field. In this field, either incrementing addresses or decrementing
addresses may be selected. The beginning and ending addresses for the counters
depend upon the choice of addressing type programmed in MBCSR:atype. With range
addressing, the counter limits are specified in MB_START_ADDR and in
MB_END_ADDR. With full addressing, the counter limits are 0 and the MTR limit for
each counter. Special cases which exist for the bank address are specified in
Table 11-4.
11.3.2.4
Details and Examples
11.3.2.4.1
Fast Y
Figure 11-2 below depicts how Fast Y with incrementing addresses cycles through a
range of addresses specified by MB_START_ADDR and MB_END_ADDR. In this
execution mode, Z, or bank address, is held constant (except in the case of dynamic
address inversion mode, DAI, mentioned later). The order in which the locations are
accessed is shown in the boxes representing the memory locations. Note that the Y (or
column) address counter counts from Ys to Ye before incrementing the X (or row)
address counter and beginning again at Ys. This process continues until both the X and
Y address counters reach their end values simultaneously. This ending condition
results in the address range being covered once. The name “Fast Y” is descriptive of
this testing order in which the Y address range changes faster than the X address
range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com