| Electronic Components Datasheet Search |
|
6402 Datasheet(PDF) 122 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
6402 Datasheet(HTML) 122 Page - Intel Corporation |
|
122 / 250 page ![]() DDR MemBIST 122 Intel® 6400/6402 Advanced Memory Buffer Datasheet 11.3.2.4.5 Dynamic Address Inversion (DAI): Dynamic address inversion (DAI) is provided to maximize the switching of address lines during testing. When dynamic address inversion is enabled, the address counters increment or decrement as usual, but every other address driven to the DRAMs is the logical inverse of the previous address used. The least significant address bit is not inverted since it already toggles at the address rate. All address lines (X, Y and Z) are inverted by DAI, creating a ping-pong access pattern. This occurs in all address sequencing modes. This behavior might lead to accesses in unexpected portions of the address space. For example, DAI inverts the bank address lines even in Fast X, Fast Y and Fast XY modes, which normally have fixed bank addresses. As a result, every other access is to a different bank than the fixed bank selected by the addressing mode (either MB_START_ADDR:ba field or bank 0 for range or full addressing respectively). Between each access, the old bank must be closed and the new bank must be activated. In another example, with XZY address sequencing and range addressing, it is normal to think of accesses as being restricted to the address range specified in MB_START_ADDR and MB_END_ADDR. But with DAI enabled, the non-inverted accesses will be within the specified range, but the inverted accesses could possibly fall outside of the specified address range. DAI can be used with any address sequencing mode. It can also be used with either incrementing or decrementing addresses. Table 11-5 gives an example of both address incrementing and address decrementing in DAI mode. This example is of XZY address sequencing with range addressing and shows only low-order bank and column address lines. Shaded rows are non-inverted, non-shaded rows show inverted addresses. Table 11-5. Dynamic Address Inversion, XZY Address Sequencing and Range Addressing Normal DAI, incrementing address DAI, decrementing address Bank Column Bank Column Bank Column 00 0 0 0 0 00 0 0 0 0 00 1 1 1 1 00 0 001 11 1 111 11 0 000 00 0 0 1 0 00 0 0 1 0 00 1 1 0 1 00 0 011 11 1 101 11 0 010 00 0 1 0 0 00 0 1 0 0 00 1 0 1 1 00 0 101 11 1 011 11 0 100 00 0 1 1 0 00 0 1 1 0 00 1 0 0 1 00 0 111 11 1 001 11 0 110 00 1 0 0 0 00 1 0 0 0 00 0 1 1 1 00 1 001 11 0 111 11 1 000 00 1 0 1 0 00 1 0 1 0 00 0 1 0 1 00 1 011 11 0 101 11 1 010 00 1 1 0 0 00 1 1 0 0 00 0 0 1 1 00 1 101 11 0 011 11 1 100 00 1 1 1 0 00 1 1 1 0 00 0 0 0 1 00 1 111 11 0 001 11 1 110 01 0 0 0 0 01 0 0 0 0 11 1 1 1 1 01 0 001 10 1 111 00 0 000 Etc. Etc. Etc. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |