Electronic Components Datasheet Search
  English  ▼

X  

6402 Datasheet(PDF) 130 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 130 Page - Intel Corporation

Back Button 6402 Datasheet HTML 126Page - Intel Corporation 6402 Datasheet HTML 127Page - Intel Corporation 6402 Datasheet HTML 128Page - Intel Corporation 6402 Datasheet HTML 129Page - Intel Corporation 6402 Datasheet HTML 130Page - Intel Corporation 6402 Datasheet HTML 131Page - Intel Corporation 6402 Datasheet HTML 132Page - Intel Corporation 6402 Datasheet HTML 133Page - Intel Corporation 6402 Datasheet HTML 134Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 250 page
background image
DDR MemBIST
130
Intel® 6400/6402 Advanced Memory Buffer Datasheet
If MBCSR:algo = 0x0 (no algorithm), then MBCSR:dtype determines the failure address
error logging registers. For dtype = 0x0 (fixed), address logging will occur according
the to “Fixed data pattern” entries in Table 11-10. For dtype other than 0x0 (that is,
circular, random, or user data), if MBCSR:mbdata = 1, then the “Other data pattern”
entries show the address logging registers. For these dtypes, if MBCSR:mbdata = 0
(accumulator), no failure address logging is available.
11.3.5.5
Multiple Failures
MemBIST may detect many more failures than there are available registers in which to
log them. For some test purposes, the information captured by the failure data bit
location accumulator may be sufficient. However, in other situations, capturing all of
the failure data and failure addresses may be significant. As long as the failures are
repeatable, MemBIST provides a mechanism to extract the failure information about all
failures which MemBIST detects during execution of each MemBIST operation.
Repeatable failures are ones which occur each time that a test is run.
MemBIST uses the MBFADDRPTR register to discard logs for certain errors, allowing
other errors to be logged instead. (However, this register has no effect on setting bits
in the failure data bit location accumulator.) The error logging described in the
previous section actually occurs on the first through fifth errors after the
MBFADDRPTR register equals zero. Since this register defaults to zero, this is the
normal logging behavior. However, if storing of logs for later errors is desired, the
MBFADDRPTR register should simply be set to the number of earlier logs which are to
be discarded.
For example, suppose that MemBIST has been executed, and 5 logs were stored in the
failure address logs. Full information was available for the first four (because both
address and data logs exist). To collect both the failure address and data for the fifth
failure, set MBFADDRPTR to 0x4 and rerun MemBIST. Each of the first 4 logs will be
discarded, and will decrement MBFADDRPTR until it reaches 0. The fifth log will be
stored, as it is the first to occur after MBFADDRPTR reached 0.
This will work no matter what the position of the error is within the burst. Referencing
the above example, if the fourth error is within a burst, and the fifth error is within the
same burst but not in the same 144-bit chunk containing the fourth error, the fourth
error will not be logged and the fifth error will be logged.
Table 11-10. Failure to Logging Register Correspondence
Failure
number
Address logged in
Data logged in
1
Fixed data pattern: MBDATA4
Other data pattern: MBDATA0
MB_ERR_DATA0[4:0]
2
Fixed data pattern: MBDATA5
Other data pattern: MBDATA1
MB_ERR_DATA1[4:0]
3
Fixed data pattern: MBDATA6
Other data pattern: MBDATA2
MB_ERR_DATA2[4:0]
4
Fixed data pattern: MBDATA7
Other data pattern: MBDATA3
MB_ERR_DATA3[4:0]
5
Fixed data pattern: MBDATA9
Other data pattern: MBDATA8
Not logged
6 +
Not logged
Not logged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com