Electronic Components Datasheet Search
  English  ▼

X  

6402 Datasheet(PDF) 140 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 140 Page - Intel Corporation

Back Button 6402 Datasheet HTML 136Page - Intel Corporation 6402 Datasheet HTML 137Page - Intel Corporation 6402 Datasheet HTML 138Page - Intel Corporation 6402 Datasheet HTML 139Page - Intel Corporation 6402 Datasheet HTML 140Page - Intel Corporation 6402 Datasheet HTML 141Page - Intel Corporation 6402 Datasheet HTML 142Page - Intel Corporation 6402 Datasheet HTML 143Page - Intel Corporation 6402 Datasheet HTML 144Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 250 page
background image
DDR MemBIST
140
Intel® 6400/6402 Advanced Memory Buffer Datasheet
• In WR_SEED state, MemBIST will create 5 crc32 data sets and load into MBDATA4/
5/6/7/9 from the initial seed register MBLFSRSED. When 5 sets of random data are
loaded into MBDATA, the FSM will transition out of this state to WR_NXTAD state.
• In the WR_NXTAD state, the next address for the operation is calculated and the
address issued. The FSM then transitions to the WR_AVAIL state immediately.
• The FSM will alternate between WR_NXTAD and WR_AVAIL until all writes are
issued. In the WR_AVAIL state, a write command will be issued. Once the previous
cycle’s DRAM timing requirements are met (indicated by cget true), the FSM leaves
the WR_AVAIL state. If the write command issued was not to the last address, the
FSM will transition to WR_NXTAD. If this was the last address, the FSM will go to
WR_WAIT state.
• In the WR_WAIT state, the FSM will wait for the timing for the last write to be met,
and then will transition to the WR_DONE state.
• If this is a write only operation, then the FSM will go back to the IDLE state. If this
is a write with read comparison test, the FSM will go to the RD_START state.
• In RD_START state, FSM will look at the decoding of DATA type selection. If LFSR
data type generation is selected, FSM will go to RD_SEED state. If not, FSM will
directly go to RD_NXTAD state.
• In RD_SEED state, MemBIST will create 5 crc32 data sets and load into MBDATA4/
5/6/7/9 from the initial seed register MBLFSRSED. When 5 sets of random data is
set and loaded into MBDATA, FSM will transit out of this state to RD_NXTAD state.
• In the RD_NXTAD state, the next address for the operation is calculated and the
address issued. The FSM transitions to the RD_AVAIL state immediately.
• The FSM will alternate between RD_NXTAD and RD_AVAIL until all reads are issued.
In the RD_AVAIL state, a read command will be issued. Once the previous cycle’s
DRAM timing requirements are met (indicated by cget true), the FSM leaves the
RD_AVAIL state. If the read command issued was not to the last address, the FSM
will transition to RD_NXTAD. If this was the last address, the FSM will go to
RD_WAIT state. If this is a back to back read/write operation, the FSM will transit
from the RD_AVAIL state to the RD_NXTWR state.
• In the RD_NXTWR state, the address for the write command will be issued (which
is the same as the read address previously used). The FSM then transitions to the
RD_WRAVL state immediately.
• From the RD_WRAVL state, if this is the last address, the FSM will go to the
RD_WAIT state after meeting the DRAM timing requirements. If this is not the last
address, the FSM will go back to the RD_NXTAD state again after meeting the
DRAM timing requirements.
• In the RD_WAIT state, the FSM will wait for the timing requirements for the last
read or write to be met, and then transition to the RD_DONE state.
• From the RD_DONE state the FSM will always go to the IDLE state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com