Electronic Components Datasheet Search
  English  ▼

X  

SC28L201 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 20Page - NXP Semiconductors SC28L201 Datasheet HTML 21Page - NXP Semiconductors SC28L201 Datasheet HTML 22Page - NXP Semiconductors SC28L201 Datasheet HTML 23Page - NXP Semiconductors SC28L201 Datasheet HTML 24Page - NXP Semiconductors SC28L201 Datasheet HTML 25Page - NXP Semiconductors SC28L201 Datasheet HTML 26Page - NXP Semiconductors SC28L201 Datasheet HTML 27Page - NXP Semiconductors SC28L201 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
24 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
with a ‘receiver reset’ issued from the Command Register or a chip reset is issued. The
purpose of this mode is indicating an error in the data block as opposed to an error in a
character. This mode improves receiver service efficiency. In modern systems with low
error rates, it is more efficient to ask for retransmit of a block error data than to analyze it
on a byte by byte system.
The above paragraph describes the Block mode activity as the data is entered to the
RxFIFO. Normally the status would be read only once: at the beginning of the service to
the receiver interrupt. If an error is not set then the entire amount of data in the RxFIFO
would be read without any more reading of the receiver status. This effectively doubles the
efficiency of reading the receiver RxFIFO.
The use of the Block mode on Exit passes the data and error conditions as the RxFIFO is
read. Here the final read of the status register would be after the last byte was read from
the RxFIFO. This delays the knowledge of an error condition until after the data has been
read.
The latch used in the block mode to indicate ‘problem data’ is usually set as the
characters are read out of the RxFIFO. Via a command in the CR, the latch may be
configured to set as error characters are loaded to the RxFIFO. This gives the advantage
of indicating ‘problem data’ up to 256 (or the FIFO size) characters earlier.
In either mode, reading the SR does not affect the RxFIFO. The RxFIFO address is
advanced only when the RxFIFO is read. Therefore, the SR should be read prior to
reading the corresponding data character.
If the RxFIFO is full when a new character is received, the character is held in the receiver
shift register until a position is available in the RxFIFO. At this time there are 257 valid
characters in the RxFIFO. If an additional character is received while this state exists, the
contents of the RxFIFO are not affected: the character previously in the shift register is
lost and the overrun error status bit, SR[4], will be set upon receipt of the start bit of the
new (overrunning) character.
7.4.7.6
Wake-up mode
(Also referred to as the ‘9-bit’, ‘multi-drop’, ‘party line’ or Special mode.)
In the use of this mode, the parity bit is used to distinguish between an address byte and a
data byte. The purpose is to allow data to be directed to a particular station from a master
station. A station is addressed by a byte with the parity bit set to ‘1’. The data for that
station is sent following the address and all the data bytes have the parity bit set to ‘0’.
The SC28L201 provides four modes of this common asynchronous ‘party line’ protocol
where the parity bit is used to indicate that a byte is address data or information data.
Three automatic modes and the default Host operated mode are provided. The automatic
mode has several sub-modes (see below). In the full automatic mode the internal state
machine devoted to this function will handle all operations associated with address
recognition, data handling, receiver enables and disables. In both modes the meaning of
the parity bit is changed. A ‘1’ usually means address, a ‘0’ means data.
Its purpose is to allow several receivers connected to the same data source to be
individually addressed. Of course addressing could be by group also. Normally the
‘Master’ would send an address byte to all receivers ‘listening’. The remote receiver will be
‘looking’ at the data stream for its address. Upon recognition of its address the receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com