Electronic Components Datasheet Search
  English  ▼

X  

SC28L201 Datasheet(PDF) 61 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 57Page - NXP Semiconductors SC28L201 Datasheet HTML 58Page - NXP Semiconductors SC28L201 Datasheet HTML 59Page - NXP Semiconductors SC28L201 Datasheet HTML 60Page - NXP Semiconductors SC28L201 Datasheet HTML 61Page - NXP Semiconductors SC28L201 Datasheet HTML 62Page - NXP Semiconductors SC28L201 Datasheet HTML 63Page - NXP Semiconductors SC28L201 Datasheet HTML 64Page - NXP Semiconductors SC28L201 Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
61 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
8.3 Registers for character recognition
Please note that, although the names of the registers imply a particular function, there is
not any hardware function directly attached to them. They are just three characters that
may be used for any function requiring recognition or simple character stripping.
It is only when other internal logic is enabled that the reception of a recognized character
will trigger particular chip functions and/or interrupts.
8.3.1 Xon Character Register (XonCR)
An 8-bit character register that contains the compare value for an Xon character.
8.3.2 Xoff Character Register (XoffCR)
An 8-bit character register that contains the compare value for an Xoff character.
8.3.3 Address Recognition Character Register (ARCR)
An 8-bit character register that contains the compare value for the wake-up address
character.
Table 33:
XonCR - Xon Character Register (address 0x41) bit description
Bit
Symbol
Description
7:0
8 bits of the Xon Character Recognition (resets to 0x11).
Table 34:
XoffCR - Xoff Character Register (address 0x42) bit description
Bit
Symbol
Description
7:0
8 bits of the Xoff Character Recognition (resets to 0x13).
Table 35:
ARCR - Address Recognition Character Register (address 0x43) bit description
Bit
Symbol
Description
7:0
8 bits of the Multi-drop Address Character Recognition (resets to 0x00).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com