Electronic Components Datasheet Search
  English  ▼

X  

SC28L201 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 30Page - NXP Semiconductors SC28L201 Datasheet HTML 31Page - NXP Semiconductors SC28L201 Datasheet HTML 32Page - NXP Semiconductors SC28L201 Datasheet HTML 33Page - NXP Semiconductors SC28L201 Datasheet HTML 34Page - NXP Semiconductors SC28L201 Datasheet HTML 35Page - NXP Semiconductors SC28L201 Datasheet HTML 36Page - NXP Semiconductors SC28L201 Datasheet HTML 37Page - NXP Semiconductors SC28L201 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
34 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
11 — Auto Rx and Tx control. Receiver commands Tx to send Xoff as the receiver fills
and commands the Tx to send Xon when Rx FIFO fill level is lowered. This results in total
automatic control. No processor interrupt is required.
Note that MR3[7] controls the stripping of Xoff/Xon characters.
0 — Xon/Xoff characters are sent to the Rx FIFO
1 — Xon/Xoff characters are discarded
The MR3[7] functions regardless of the setting of MR3[3:2]. This allows for general
purpose character recognition and processing (see Section 7.4.9.1 “Character stripping”).
7.4.10.2
Xon/Xoff characters
The programming of these characters is usually done individually. The standard Xon/Xoff
characters are: Xon is 0x11, Xoff 0x13. Any enabling of the Xon/Xoff functions will use the
contents of the Xon and Xoff character registers as the basis on which recognition is
predicated.
7.4.10.3
Host mode (least efficient)
When neither the auto-receiver or auto-transmitter modes are set, the Xon/Xoff logic is
operating in the host mode. In host mode, all activity of the Xon/Xoff logic is initiated by
commands to the CRx. The Xoff command forces the transmitter to disable exactly as
though an Xoff character had been received by the RxFIFO. The transmitter will remain
disabled until the chip is reset or the CR[7:3] = 1 0110 (Xoff resume) command is given. In
particular, reception of an Xon or disabling or re-enabling the transmitter will not cause
resumption of transmission. Redundant CRTXxx commands, that is ‘CRTXon, CRTXon’,
are harmless, although they waste time. A CRTXon may be used to cancel a CRTXoff
(and vice versa) but both may be transmitted depending on the command timing with
respect to that of the transmitter state machine.
7.4.10.4
Auto-transmitter mode
When a channel receiver loads an Xoff character into the RxFIFO, the channel transmitter
will finish transmission of the current character and then stop transmitting. A transmitter so
idled can be restarted by the receipt of an Xon character by the receiver or by a hardware
or software reset. The last option results in the loss of the un-transmitted contents of the
TxFIFO. When in this mode and waiting for an Xon signal from the receiver, the CR
(Command Register) commands for the transmitter are not effective.
While idle in this mode and waiting for an Xon signal from the receiver, data may be
written to the TxFIFO and it continue to present its fill level to the interrupt arbiter and
maintains the integrity of its status registers.
Use of ‘00’ as an Xon/Xoff character is complicated by the Receiver break operation which
loads a ‘00’ character on the RxFIFO. The Xon/Xoff character detectors do not
discriminate in this case from an Xon/Xoff character received through the RXD pin.
Remark: To be recognized as an Xon or Xoff character, the receiver must have room in
the RxFIFO to accommodate the character. An Xon/Xoff character that is received
resulting in a receiver overrun does not effect the transmitter nor is it loaded into the
RxFIFO, regardless of the state of the Xon/Xoff transparency bit, MR3[7].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com