Electronic Components Datasheet Search
  English  ▼

X  

SC28L201 Datasheet(PDF) 100 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 100 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 96Page - NXP Semiconductors SC28L201 Datasheet HTML 97Page - NXP Semiconductors SC28L201 Datasheet HTML 98Page - NXP Semiconductors SC28L201 Datasheet HTML 99Page - NXP Semiconductors SC28L201 Datasheet HTML 100Page - NXP Semiconductors SC28L201 Datasheet HTML 101Page - NXP Semiconductors SC28L201 Datasheet HTML 102Page - NXP Semiconductors SC28L201 Datasheet HTML 103Page - NXP Semiconductors SC28L201 Datasheet HTML 104Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
100 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
a. Input pins
b. Output pins
Fig 12. Port timing
(1) IRQN or OP3 to OP7 when used as interrupt outputs.
(2) The test for open-drain outputs is intended to guarantee switching of the output transistor.
Measurement of this response is referenced from the midpoint of the switching signal, VM,toa
point 0.2 V above VOL. This point represents noise margin that assures true switching has
occurred. Beyond this level, the effects of external circuitry and test environment are
pronounced and can greatly affect the resultant measurement.
Fig 13. Interrupt timing (80xxx mode)
tsu(port)
th(port)
RDN
IP0 to IP6
002aab490
WRN
OP0 to OP6
old data
new data
tv(port)
002aab479
WRN
RDN
VM
interrupt output(1)
VOL + 0.2 V
VOL
td(int)
VM
VOL + 0.2 V
VOL
interrupt output(1)
002aab480
td(int)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com