Electronic Components Datasheet Search
  English  ▼

X  

SC28L201 Datasheet(PDF) 94 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 94 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 90Page - NXP Semiconductors SC28L201 Datasheet HTML 91Page - NXP Semiconductors SC28L201 Datasheet HTML 92Page - NXP Semiconductors SC28L201 Datasheet HTML 93Page - NXP Semiconductors SC28L201 Datasheet HTML 94Page - NXP Semiconductors SC28L201 Datasheet HTML 95Page - NXP Semiconductors SC28L201 Datasheet HTML 96Page - NXP Semiconductors SC28L201 Datasheet HTML 97Page - NXP Semiconductors SC28L201 Datasheet HTML 98Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
94 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
Interrupt timing (see Figure 13)
td(int)
interrupt delay time
IRQN (or I/O[7:3]B when
used as interrupts) negated
from
read RxFIFO
(RxRDY/FFULL interrupt)
-
40
-
30
ns
write TxFIFO
(TxRDY interrupt)
-
40
-
30
ns
reset command (delta
break change interrupt)
-
40
-
30
ns
stop C/T command
(Counter/Timer interrupt)
-
40
-
30
ns
read IPCR (delta input
port change interrupt)
-
40
-
30
ns
write IMR (clear of change
interrupt mask bit(s))
-
40
-
30
ns
Clock timing (see Figure 14, Figure 15, and Figure 16)
tCLK
X1/SCLK HIGH or LOW time
10
8
ns
fX1/SCLK
clock frequency on pin X1/SCLK 7.0 MHz to 16.2 MHz with
crystal
134150
MHz
tCTC
Counter/Timer clock HIGH or
LOW time
IP2; C/T external clock input
10
-
10
-
ns
fCTC
Counter/Timer clock frequency
IP2
[5]
0
8
0
20
MHz
tRX
RxC HIGH or LOW time (16X)
10
-
8
-
ns
fRX(16)
RxC frequency (16X)
0
24
0
50
MHz
fRX(1)
RxC frequency (1X)
[5] [6]
0
1.5
0
3
MHz
tTX
TxC HIGH or LOW time
10
-
8
-
ns
fTX(16)
TxC frequency (16X)
0
24
-
50
MHz
fTX(1)
TxC frequency (1X)
[5] [6]
0
1.5
0
3
MHz
Transmitter timing (see Figure 15 and Figure 17)
td(o)(TXD)
TxC LOW to TXD output delay
time
TxC input pin
-
40
-
30
ns
tTCS
TxC output pin LOW to
TXD data output delay time
-
40
-
30
ns
Receiver timing (see Figure 16 and Figure 18)
tsu(RXD-RXCH)(D)
RXD to RxC HIGH data setup
time
20-20-
ns
th(RXCH-RXD)(D)
RxC HIGH to RXD data hold
time
20-20-
ns
68000 (Motorola) bus timing (see Figure 9, Figure 10, and Figure 11)
tsu(RWL-CEN)(mot) CEN LOW to RWN setup time
5-5-
ns
tsu(D)(mot)
data bus to X1/SCLK HIGH
setup time
[7]
10-10-
ns
Table 82:
Dynamic characteristics …continued
Tamb = −40 °C to +85 °C; voltage tolerance ± 10 %; unless otherwise specified. [1]
Symbol
Parameter
Conditions
VDD = 3.3 V
VDD =5V
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com