Electronic Components Datasheet Search
  English  ▼

X  

SC28L201 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 47Page - NXP Semiconductors SC28L201 Datasheet HTML 48Page - NXP Semiconductors SC28L201 Datasheet HTML 49Page - NXP Semiconductors SC28L201 Datasheet HTML 50Page - NXP Semiconductors SC28L201 Datasheet HTML 51Page - NXP Semiconductors SC28L201 Datasheet HTML 52Page - NXP Semiconductors SC28L201 Datasheet HTML 53Page - NXP Semiconductors SC28L201 Datasheet HTML 54Page - NXP Semiconductors SC28L201 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
51 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
8.2.6 Command Register Extension (CRx)
CR is used to write commands to the UART.
Table 23:
CRx - Command Register Extension (address 0x12) bit description
Bit
Symbol
Description
7
Lock Tx and Rx enables.
0 = lock Rx and Tx state. Prevents changing transmitter and receiver
enable bits while writing to the lower 5 bits of the command register. Bits
CR[6:5] are not changed.
1 = change Rx and Tx state. Allows the receiver and transmitter enable
bits to be changed while issuing a command to the Command Register.
Remark: Receiver or transmitter disable is not the same as receiver or
transmitter reset.
Writes to the lower 5 bits of the CR would usually have CR[7] at ‘0’ in
order to maintain the enable/disable condition of the receiver and transmitter.
The bit provides a mechanism for writing commands to a channel, via
CR[4:0], without the necessity of keeping track of or reading the current
enable status of the receiver and transmitter.
6
Enable Tx. Enable transmitter.
0 = disable
1 = enable
A one written to this bit enables operation of the transmitter. The TxRDY
status bit will be asserted. When disabled by writing a zero to this bit, the
command terminates transmitter operation and resets the TxRDY and
Tx Idle status bits returning the transmitter to its idle state. However, if a
character is being transmitted or if characters are loaded in the TxFIFO when
the transmitter is disabled, the transmission of the all character(s) is
completed before assuming the inactive state.
5
Enable Rx. Enable receiver.
0 = disable
1 = enable
A one written to this bit enables operation of the receiver. The receiver
immediately begins the search for and the verification the start bit. If a zero is
written, this command terminates operation of the receiver immediately-a
character being received will be lost. The command has no effect on the
receiver status bits or any other control registers. The data in the RxFIFO will
be retained and may be read. If the receiver is re-enabled subsequent data
will be appended to that already in the RxFIFO. If the special Wake-up mode
is programmed, the receiver operates even if it is disabled (see Section
7.4.7.6 “Wake-up mode”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com