Electronic Components Datasheet Search
  English  ▼

X  

SC28L201 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 22Page - NXP Semiconductors SC28L201 Datasheet HTML 23Page - NXP Semiconductors SC28L201 Datasheet HTML 24Page - NXP Semiconductors SC28L201 Datasheet HTML 25Page - NXP Semiconductors SC28L201 Datasheet HTML 26Page - NXP Semiconductors SC28L201 Datasheet HTML 27Page - NXP Semiconductors SC28L201 Datasheet HTML 28Page - NXP Semiconductors SC28L201 Datasheet HTML 29Page - NXP Semiconductors SC28L201 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
26 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
detect operate normally whether or not the receiver is enabled. When the automatic
modes are in operation the loading of the address character to the FIFO is controlled by
the MR0[6] bit.
The several automatic controls. These modes are concerned with the recognition of the
address character itself:
• MR3[1:0] = 01; Auto wake.
Enable receiver on address recognition for this station. Upon recognition of its
assigned address the local receiver will be enabled by the character recognition state
machine and normal receiver communications with the host will be established. The
address just received may be discarded (stripped from the data stream) or loaded to
the RxFIFO depending on the programming of MR0[6].
• MR3[1:0] = 10; Auto Doze.
Disable receiver on address recognition, not for this station. Upon recognition of an
address character that is not its own, in the Auto Doze mode, the receiver will be
disabled by the character recognition state machine and the address just received
either discarded or loaded to the RxFIFO depending on the programming of MR0[6].
• MR3[1:0] = 11; Auto wake and doze.
Both modes described above. The programming of MR3[1:0] to 11 will enable both
the auto wake and auto doze features. The address just received may be discarded
(stripped from the data stream) or loaded to the RxFIFO depending on the
programming of MR0[6].
The enabling of the Wake-up mode executes a partial enabling of the receiver state
machine. Even though the receiver has been reset, the Wake-up mode will override the
disable and reset conditions.
7.4.7.7
Receiver reset and disable
Please note the difference between Receiver disable and reset.
Receiver disable stops the receiver immediately. Data being assembled in the Receiver
Shift Register is lost. Data and status in the FIFO is preserved and may be read. A
re-enable of the receiver after a disable will cause the receiver to begin assembling
characters at the next start bit detected.
Receiver reset will discard the present shift register data, reset the receiver ready bit
(RxRDY), clear the status of the byte at the top of the FIFO and re-align the FIFO
read/write pointers. This effectively clears the receiver FIFO, although the FIFO data is not
altered.
7.4.7.8
Receiver watchdog timer
A ‘watchdog timer’ is associated with each receiver. Its interrupt is enabled by the
‘watchdog’ bits of the Watchdog, Character Address, and X enable register (WCXER).
The purpose of this timer is to alert the control processor that characters are in the
RxFIFO which have not been read. This situation may occur at the end of a transmission
when the last few characters received are not sufficient to cause an interrupt. The
Watchdog counter times out after 64 bit times. It is reset each time a read of the RxFIFO is
executed or a write to the RxFIFO is executed by the receiver state machine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com