Electronic Components Datasheet Search
  English  ▼

X  

SC28L201 Datasheet(PDF) 88 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 84Page - NXP Semiconductors SC28L201 Datasheet HTML 85Page - NXP Semiconductors SC28L201 Datasheet HTML 86Page - NXP Semiconductors SC28L201 Datasheet HTML 87Page - NXP Semiconductors SC28L201 Datasheet HTML 88Page - NXP Semiconductors SC28L201 Datasheet HTML 89Page - NXP Semiconductors SC28L201 Datasheet HTML 90Page - NXP Semiconductors SC28L201 Datasheet HTML 91Page - NXP Semiconductors SC28L201 Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
88 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
100 0000 (0x40)
System Enable Status (SES A)
Watchdog, Character and X Enable (WCXER A)
100 0001 (0x41)
Xon Character Register (XonCR A)
Xon Character Register (XonCR A)
100 0010 (0x42)
Xoff Character Register (XoffCR A)
Xoff Character Register (XoffCR A)
100 0011 (0x43)
Address Recognition Character (ARCR A)
Address Recognition Character (ARCR A)
100 0100 (0x44)
Xon/Xoff Interrupt Status Register (XISR A)
100 0101 (0x45)
Special Function Register (SFR A)
Special Function Register (SFR A)
100 0110 (0x46)
Receiver FIFO Interrupt Level (RxFIL A)
Receiver FIFO Interrupt Level (RxFIL A)
100 0111 (0x47)
Transmitter FIFO Interrupt Level (TxFIL A)
Transmitter FIFO Interrupt Level (TxFIL A)
…
101 0000 (0x50)
Bidding Control Register, Break Change
(BCRBRK A)
Bidding Control Register, Break Change (BCRBRK A)
101 0001 (0x51)
Bidding Control Register, Change-Of-State
(BCRCOS A)
Bidding Control Register, Change-Of-State
(BCRCOS A)
101 0010 (0x52)
Bidding Control Register, Counter/Timer
(BCRCT A)
Bidding Control Register, Counter/Timer (BCRCT A)
101 0011 (0x53)
Bidding Control Register, Xon (BCRx A)
Bidding Control Register, Xon (BCRx A)
101 0100 (0x54)
Bidding Control Register, Address (BCRA A)
Bidding Control Register, Address (BCRA A)
101 0101 (0x55)
Bidding Control Register, Loop Back Error
(BCRLBE A)
Bidding Control Register, Loop Back Error
(BCRLBE A)
101 0110 (0x56)
101 0111 (0x57)
…
101 1010 (0x5A)
Bidding Control Register, Counter/Timer
(BCRCT B)
Bidding Control Register, Counter/Timer (BCRCT B)
101 1110 (0x5E)
101 1111 (0x5F)
Table 78:
Register map summary …continued
The register map for channel A (UART A).
A[6:0]
Read
Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com