Electronic Components Datasheet Search
  English  ▼

X  

SC28L201 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 49Page - NXP Semiconductors SC28L201 Datasheet HTML 50Page - NXP Semiconductors SC28L201 Datasheet HTML 51Page - NXP Semiconductors SC28L201 Datasheet HTML 52Page - NXP Semiconductors SC28L201 Datasheet HTML 53Page - NXP Semiconductors SC28L201 Datasheet HTML 54Page - NXP Semiconductors SC28L201 Datasheet HTML 55Page - NXP Semiconductors SC28L201 Datasheet HTML 56Page - NXP Semiconductors SC28L201 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
53 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
4:0
(cont.)
1 0000: Transmit an Xon character.
1 0001: Transmit an Xoff character.
1 0010: C/T start sets the counter timer to the value of the Counter/Timer
Preset Register and starts the counter.
1 0011: C/T stop. Effectively stops the counter/timer, captures the last
count value and resets the counter ready status bit in the ISR.
1 0100: reserved
1 0101: reserved
1 0110: Transmitter resume command (this command is not active in
‘Auto-Transmit mode’). A command to cancel a previous Host Xoff
command. Upon receipt, the channels transmitter will transfer a character,
if any, from the TxFIFO and begin transmission.
1 0111: Host Xoff (or transmitter pause) command (CRTXoff). This
command allows tight host CPU control of the flow control of the channel
transmitter. When interrupted for receipt of an Xoff character by the
receiver, the host may stop transmission of further characters by the
channel transmitter by issuing the Host Xoff command. Any character that
has been transferred to the TXD shift register will complete its
transmission, including the stop bit before the transmitter pauses. Even
though the transmitter is paused it is still able to send Xon/Xoff by the
request of its associated receiver.
1 1000: Cancel Host transmit flow control command. Issuing this
command will cancel a previous command to transmit a flow control
character if the flow control character is not yet loaded into the TXD Shift
Register. If there is no character waiting for transmission, or if its
transmission has already begun, then this command has no effect and the
character will be sent.
1 1001: reserved
1 1010: reserved
1 1011: Reset Address Recognition Status. This command clears the
interrupt status that was set when an address character was recognized by
a disabled receiver operating in the special mode.
1 1100: reserved
1 1101: Block error status accumulates on FIFO read (default state).
1 1110: reserved
1 1111: Executes a chip wide reset. Executing this command in Channel A
is equivalent to a hardware reset with the RESET(N) pin.
Table 23:
CRx - Command Register Extension (address 0x12) bit description …continued
Bit
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com