Electronic Components Datasheet Search
  English  ▼

X  

SC28L201 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 52Page - NXP Semiconductors SC28L201 Datasheet HTML 53Page - NXP Semiconductors SC28L201 Datasheet HTML 54Page - NXP Semiconductors SC28L201 Datasheet HTML 55Page - NXP Semiconductors SC28L201 Datasheet HTML 56Page - NXP Semiconductors SC28L201 Datasheet HTML 57Page - NXP Semiconductors SC28L201 Datasheet HTML 58Page - NXP Semiconductors SC28L201 Datasheet HTML 59Page - NXP Semiconductors SC28L201 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
56 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
8.2.8 Interrupt Status Register (ISR)
This register provides the status of all potential interrupt sources for a UART channel.
When generating an interrupt arbitration value, the contents of this register are masked by
the interrupt mask register (IMR). If a bit in the ISR is a ‘1’ and the corresponding bit in the
IMR is also a ‘1’, interrupt arbitration for this source will begin. If the corresponding bit in
the IMR is a zero, the state of the bit in the ISR can have no affect on the IRQN output.
Note that the IMR may or may not mask the reading of the ISR as determined by
GCCR[06]. If GCCR[0] is cleared, the reset and power on default, the ISR is read without
modification. If GCCR[0] is set, the read of the ISR gives a value of the ISR ANDed with
the IMR.
Table 25:
ISR - Interrupt Status Register (address 0x25) bit description
Bit
Symbol
Description
7
I/O port change-of-state. Input change of state.
This bit is set when a change of state occurs at the I/O1 or I/O0 input pins. It is
reset when the CPU reads the Input Port Register, IPR.
6
Receiver watchdog time-out. Fixed watchdog time-out.
This bit is set when the receiver’s watchdog timer has counted more than 64 bit
times since the last RxFIFO event. RxFIFO events are a read of the RxFIFO or
GRxFIFO, or the load of a received character into the FIFO. The interrupt will
be cleared automatically when the RxFIFO or GRxFIFO is read. The receiver
watchdog timer is included to allow detection of the very last characters of a
received message that may be waiting in the RxFIFO, but are too few in number
to successfully initiate an interrupt. Refer to Section 7.4.7.8 “Receiver watchdog
timer” for details of how the interrupt system works after a watchdog time-out.
5
Address recognition event. Address recognition status change.
This bit is set when a change in receiver state has occurred due to an Address
character being received from an external source and matches the reference
address in ARCR. The bit and interrupt is negated by a write to the CR with
command x1 1011, Reset Address Recognition Status.
4
Xon/Xoff event. Xon/Xoff status change.
This bit is set when an Xon/Xoff character being received from an external
source. The bit is negated by a read of the channel Xon/Xoff Interrupt Status
Register, XISR.
3
C/T ready. Counter/Timer status.
The C/T has timed-out or the count passed through 0. This bit is cleared by
issuing the ‘stop C/T’ command.
2
Break change-of-state. Change in channel break status.
This bit, when set, indicates that the receiver has detected the beginning or the
end of a received break. It is reset when the CPU issues a reset break change
interrupt command via the CR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com