Electronic Components Datasheet Search
  English  ▼

X  

SC28L201 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 44Page - NXP Semiconductors SC28L201 Datasheet HTML 45Page - NXP Semiconductors SC28L201 Datasheet HTML 46Page - NXP Semiconductors SC28L201 Datasheet HTML 47Page - NXP Semiconductors SC28L201 Datasheet HTML 48Page - NXP Semiconductors SC28L201 Datasheet HTML 49Page - NXP Semiconductors SC28L201 Datasheet HTML 50Page - NXP Semiconductors SC28L201 Datasheet HTML 51Page - NXP Semiconductors SC28L201 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
48 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
8.2.4 Mode Register 3 (MR3)
Table 19:
MR3 - Mode Register 3 (address 0x23) bit description
Bit
Symbol
Description
7
Xon/Xoff transparency [1]. Xon/Xoff character stripping.
0 = flow control characters received are loaded onto the RxFIFO
1 = flow control characters received are not loaded onto the RxFIFO
Control the handling of recognized Xon/Xoff characters. If set, the character
codes are placed on the RxFIFO along with their status bits just as ordinary
characters are. If the character is not loaded onto the RxFIFO, its received
status will be lost unless the receiver is operating in the block error mode, see
MR1[5] and the general discussion on receiver error handling. Interrupt
processing is not effected by the setting of these bits. See Section 6.1.9
“Character and address recognition”.
6
Address recognition transparency [1]. Xon/Xoff character stripping.
0 = address characters received are loaded to RxFIFO
1 = address characters are not loaded onto the RxFIFO
Control the handling of recognized Address characters. If set, the character
codes are placed on the RxFIFO along with their status bits just as ordinary
characters are. If the character is not loaded onto the RxFIFO, its received
status will be lost unless the receiver is operating in the block error mode, see
MR1[5] and the general discussion on receiver error handling. Interrupt
processing is not effected by the setting of these bits. See Section 6.1.9
“Character and address recognition”.
5:4
-
reserved
3:2
In-band flow control mode. Xon/Xoff processing.
00 = host mode; only the host CPU may initiate flow control actions through
the CR.
01 = auto transmitter flow control
10 = auto receiver flow control
11 = auto Rx and Tx flow control
Control the Xon/Xoff processing logic. Auto Transmitter flow control allows the
gating of Transmitter activity by Xon/Xoff characters received by the Channel’s
receiver. Auto Receiver flow control causes the Transmitter to emit an Xoff
character when the RxFIFO has loaded to a depth of 240 characters. Draining
the RxFIFO to a level of 128 or less causes the Transmitter to emit an Xon
character. All transmissions require no host involvement. A setting other than
00 in this field precludes the use of the command register to transmit Xon/Xoff
characters.
Remark: Interrupt generation in Xon/Xoff processing is controlled by the IMR
(Interrupt Mask Register) of the individual channels. The interrupt may be
cleared by a read of the XISR, the Xon/Xoff Interrupt Status Register. Receipt
of a flow control character will always generate an interrupt if the IMR is so
programmed. The MR0[3:2] bits have effect on the automatic aspects of flow
control only, not the interrupt generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com