Electronic Components Datasheet Search
  English  ▼

X  

SC28L201 Datasheet(PDF) 102 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 102 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 98Page - NXP Semiconductors SC28L201 Datasheet HTML 99Page - NXP Semiconductors SC28L201 Datasheet HTML 100Page - NXP Semiconductors SC28L201 Datasheet HTML 101Page - NXP Semiconductors SC28L201 Datasheet HTML 102Page - NXP Semiconductors SC28L201 Datasheet HTML 103Page - NXP Semiconductors SC28L201 Datasheet HTML 104Page - NXP Semiconductors SC28L201 Datasheet HTML 105Page - NXP Semiconductors SC28L201 Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
102 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
(1) Timing shown for MR2[4] = 1.
(2) Timing shown for MR2[5] = 1.
Fig 17. Transmitter timing
D1
D2
D3
D4
D6
D1
D8
D9
D10
D12
OPR(0) = 1
OPR(0) = 1
002aab484
D11 will not
be written to
the TxFIFO
RTSN(2)
(OP0)
CTSN(1)
(IP0)
start
break
stop
break
WRN
TXRDY
(SR2)
transmitter
enabled
TXD
break
(1) Timing shown for MR1[7] = 1.
(2) Shown for OPCR[4] = 1 and MR[6] = 0.
Fig 18. Receiver timing
D1
D2
D8
D9
D10
D11
D12
D13
RDN
D1
D2
D3
D10
OPR[0] = 1
002aab485
RTS(1)
(OP0)
OVERRUN
(SR4)
reset by command
status data
status data
D11 will be lost
due to overrun
status data
status data
RXRDY/
FFULL
(OP5)(2)
FFULL
(SR1)
RXRDY
(SR0)
receiver
enabled
D12, D13 will be lost
due to receiver disable
RXD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com