Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 186 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 186 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 182Page - Texas Instruments AM3871 Datasheet HTML 183Page - Texas Instruments AM3871 Datasheet HTML 184Page - Texas Instruments AM3871 Datasheet HTML 185Page - Texas Instruments AM3871 Datasheet HTML 186Page - Texas Instruments AM3871 Datasheet HTML 187Page - Texas Instruments AM3871 Datasheet HTML 188Page - Texas Instruments AM3871 Datasheet HTML 189Page - Texas Instruments AM3871 Datasheet HTML 190Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 345 page
background image
AUXOSC_MXI/
AUX_CLKIN
AUXOSC_MXO
C1
C2
Crystal
VSSA_AUXOSC
Rd
(Optional)
(
)
C C
1 2
CL
C
C
1
2
=
+
AM3874, AM3872, AM3871
SPRS695
– SEPTEMBER 2011
www.ti.com
Figure 7-8. Auxiliary Oscillator
The load capacitors, C1 and C2 in the above pictures, should be chosen such that the below equation is
satisfied. CL in the equation is the load specified by the crystal manufacturer. All discrete components
used to implement the oscillator circuit should be placed as close as possible to the associated oscillator
MXI, MXO, and VSS pins.
Table 7-11. Input Requirements for Crystal Circuit on the Device Oscillator (DEVOSC)
PARAMETER
MIN
TYP
MAX
UNIT
Start-up time (from power up until oscillating at stable frequency)
4
ms
Crystal Oscillation frequency(1)
20
20
30
MHz
Parallel Load Capacitance (C1 and C2)
12
24
pF
Crystal ESR
50
Ω
Crystal Shunt Capacitance
5
pF
Crystal Oscillation Mode
Fundamental Only
n/a
Crystal Frequency stability
±50
ppm
(1)
20-MHz DEV clock is required for all bootmodes other than Fast XIP. For more detailed information on boot modes, see the ROM Code
Memory and Peripheral Booting chapter of the AM387x Sitara ARM Microprocessors (MPUs) Technical Reference Manual (Literature
Number: SPRUGZ7).
Table 7-12. Input Requirements for Crystal Circuit on the Auxiliary Oscillator (AUXOSC)
PARAMETER
MIN
MAX
UNIT
Start-up time (from power up until oscillating at stable frequency)
4
ms
Crystal Oscillation frequency
20
30
MHz
Parallel Load Capacitance (C1 and C2)
12
24
pF
Crystal ESR
50
Ω
Crystal Shunt Capacitance
5
pF
Crystal Oscillation Mode
Fundamental Only
n/a
Crystal Frequency stability(1)
±50
ppm
(1)
Applies only when sourcing the HDMI or HDVPSS DAC clocks from the AUXOSC
186
Power, Reset, Clocking, and Interrupts
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com