Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 188 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 188 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 184Page - Texas Instruments AM3871 Datasheet HTML 185Page - Texas Instruments AM3871 Datasheet HTML 186Page - Texas Instruments AM3871 Datasheet HTML 187Page - Texas Instruments AM3871 Datasheet HTML 188Page - Texas Instruments AM3871 Datasheet HTML 189Page - Texas Instruments AM3871 Datasheet HTML 190Page - Texas Instruments AM3871 Datasheet HTML 191Page - Texas Instruments AM3871 Datasheet HTML 192Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 345 page
background image
AM3874, AM3872, AM3871
SPRS695
– SEPTEMBER 2011
www.ti.com
Table 7-13. SERDES_CLKN/P AC Coupling Capacitors Recommendations (continued)
PARAMETER
MIN
TYP
MAX
UNIT
SERDES_CLKN/P AC coupling capacitor package size(1)(2)
0402
0603
EIA
(1)
L x W, 10 Mil units, i.e., a 0402 is a 40 x 20 Mil surface mount capacitor.
(2)
The physical size of the capacitor should be as small as practical. Use the same size on both lines in each pair placed side-by-side.
The differential clock source is required to meet the REFCLK AC Specifications outlined in the PCI
EXPRESS CARD ELECTROMECHANICAL SPECIFICATION, REV. 2.0, at the input to the AC coupling
capacitors.
In addition, LVDS clock sources that are compliant to the above specification, but with the following
exceptions, are also acceptable:
Table 7-14. Acceptable Exceptions to the REFCLK AC Specifications for LVDS Clock Sources
PARAMETER
MIN
MAX
UNIT
VIH
Differential High-Level Input Voltage
125
1000
mV
VIL
Differential Low-Level Input Voltage
-1000
-125
mV
7.4.3
CLKIN32 Input Clock
An external 32768-Hz clock input can optionally be provided at the CLKIN32 pin to serve as a reference
clock in place of the RTCDIVIDER clock for the following Modules:
•
RTC
•
GPIO0/1/2/3
•
TIMER1/2/3/4/5/6/7
•
ARM Cortex-A8
•
SYNCTIMER
The CLKIN32 source must meet the timing requirements shown in Table 7-17.
7.4.4
Output Clocks Select Logic
The device includes two selectable general-purpose clock outputs (CLKOUT0 and CLKOUT1). The source
for these output clocks is controlled by the CLKOUT_MUX register in the Control Module (see
Figure 7-11).
188
Power, Reset, Clocking, and Interrupts
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com